Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 320 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 316Page - Renesas Technology Corp H8S/2437 Datasheet HTML 317Page - Renesas Technology Corp H8S/2437 Datasheet HTML 318Page - Renesas Technology Corp H8S/2437 Datasheet HTML 319Page - Renesas Technology Corp H8S/2437 Datasheet HTML 320Page - Renesas Technology Corp H8S/2437 Datasheet HTML 321Page - Renesas Technology Corp H8S/2437 Datasheet HTML 322Page - Renesas Technology Corp H8S/2437 Datasheet HTML 323Page - Renesas Technology Corp H8S/2437 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 746 page
background image
Rev. 1.00, 09/03, page 282 of 704
Bit
Bit Name Initial Value R/W
Description
1
0
OS1
OS0
0
0
R/W
R/W
Output Select 1, 0
Specify how the TMOX pin output level is to be changed
by compare-match A of TCORAX and TCNTX.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
Note:
*
Only 0 can be written to clear the flag.
11.3.6
Input Capture Register (TICR)
TICR is an 8-bit register. The contents of TCNT are transferred to TICR at the falling edge of the
external reset input. TICR cannot be directly accessed by the CPU.
11.3.7
Time Constant Register (TCORC)
TCORC is an 8-bit readable/writable register. The sum of contents of TCORC and TICR is always
compared with TCNT. When a match is detected, a compare-match C signal is generated.
However, comparison at the T2 state of the TCORC write cycle and at the input capture cycle of
TICR is disabled. TCORC is initialized to H'FF.
11.3.8
Input Capture Registers R and F (TICRR and TICRF)
TICRR and TICRF are 8-bit read-only registers. The contents of TCNT are transferred at the
rising edge and falling edge of the external reset input (TMRIX) in that order. The ICST bit is
cleared to 0 when one capture operation ends. TICRR and TICRF are initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More