Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5602BECLQ Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

No. de pieza PPC5602BECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5602BECLQ Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PPC5602BECLQ Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Pinout and Signal Descriptions
Freescale Semiconductor
36
2.4.7
Signal Details
Table 7. Signal Details
Signal
Peripheral
Description
ABS[0]
BAM
Alternate Boot Select. gives an option to boot by downloading code via
CAN or LIN.
AN[0:15]
Analog-to-digital
conversion (ADC)
Inputs used to bring into the device sensor-based signals for A/D
conversion.
FABM
Force Alternate Boot mode. Forces the device to boot from the external
bus (Can or LIN). If not asserted, the device boots up from the lowest
flash sector containing a valid boot signature.
DCU_DE
Display Control Unit Indicates that valid pixels are present when high; otherwise low to allow
a sub frame display for pixels.
DCU_HSYNC,
Display Control Unit Horizontal sync pulse for TFT-LCD display.
DCU_PCLK
Display Control Unit Output pixel clock for TFT-LCD display
DCU_R[0:7],
DCU_G[0:7]
DCU_B[0:7]
Display Control Unit Red, green and blue color 8 bit Pixel values for TFT-LCD displays.
DCU_TAG
Display Control Unit High indicates certain pixels that can be called as tagged pixels, upon
which internal CRC has been calculated based on pixel values and pixel
position.
DCU_VSYNC
Display Control Unit Vertical sync pulse for TFT-LCD display.
PCS_A[0:2],
PCS_B[0:2],
PCS_C[0:2}
DSPI
Peripheral chip selects when device is in Master mode; not used in slave
modes.
SCK_A,
SCK_B,
SCK_C
DSPI
SPI clock signal - bi-directional.
SIN _A,
SIN _B,
SIN _C
DSPI
SPI data input signal.
SOUT _A,
SOUT _B,
SOUT _C
DSPI
SPI data output signal.
eMIOSA[0:23],
eMIOSB[0:23]
eMIOS
Enhanced Modular Input Output System. 16+9 channel eMIOS for timed
input or output functions.
CNRX_A, CNRX_B
FlexCAN
Receive (RX) pins for the CAN bus transceiver.
CNTX_A, CNTX_B
FlexCAN
Transmit (TX) pins for the CAN bus transceiver.
SCL_A,
SCL_B,
SCL_C,
SCL_D
I2C
Bidirectional serial clock compatible with I2C specifications.
SDA_A,
SDA_B,
SDA_C,
SDA_D
I2C
Bidirectional serial data compatible with I2C specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com