Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5602BECLQ Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza PPC5602BECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5602BECLQ Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PPC5602BECLQ Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
6
•
Two full CAN 2.0B controllers with 64 configurable buffers each; the bit rate can be programmed up to 1 Mb/s
•
Up to four Inter-integrated circuit (I2C) internal bus controllers with master/slave bus interface
•
Up to 132 configurable general purpose pins supporting input and output operations
•
Real Time Counter (RTC). Clock sources are:
— Internal 128 kHz or 16 MHz RC oscillator supporting autonomous wake-up with 1 ms resolution with maximum
timeout of 2 seconds
— External 32 kHz crystal oscillator, supporting wake-up with 1 s resolution and maximum timeout of one hour
— External 4 - 16 MHz oscillator
•
System Timers:
— 4-channel 32-bit System Timer Module (STM)—included in processor platform
— 4-channel 32-bit Periodic Interrupt Timer (PIT) module
— System watchdog timer
•
System Integration Unit (SIU) module to manage resets, external interrupts, GPIO and pad control
•
System Status and Configuration Module (SSCM) to provide information for identification of the device, last boot
mode, or debug status and provides an entry point for the censorship password mechanism
•
Clock Generation Module (CGM) to generate system clock sources and provide a unified register interface, enabling
access to all clock sources
•
Clock Monitor Unit (CMU) to monitor the integrity of the main crystal oscillator and the PLL and act as a frequency
meter, measuring the frequency of one clock source and comparing it to a reference clock
•
Mode Entry Module (MEM) to control the device power mode, i.e., RUN, HALT, STOP, or STANDBY, control mode
transition sequences, and manage the power control, voltage regulator, clock generation and clock management
modules
•
Reset Generation Module (RGM) to manage reset assertion and release to the device at initial power-up
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus standard
•
Device/board boundary-scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
•
On-chip voltage regulator controller for regulating the 3.3 or 5 V supply voltage down to 1.2 V for core logic (requires
external ballast transistor)
•
The MPC5606S microcontrollers are offered in the following packages:1
— 144 LQFP, 0.5 mm pitch, 20 mm
× 20 mm outline
— 176 LQFP, 0.5 mm pitch, 24 mm
× 24 mm outline
— 208 MAPBGA, 1.0 mm pitch, 17 mm
× 17 mm outline
1.3
MPC5606S Series Blocks
1.3.1
Block Diagram
Figure 1 shows a top-level block diagram of the MPC5606S series.
1. See the device comparison table or orderable parts summary for package offerings for each device in the family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com