Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5602BECLQ Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

No. de pieza PPC5602BECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5602BECLQ Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button PPC5602BECLQ Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
88
3.16.8
I2C Timing
Table 43. I2C Input Timing Specifications—SCL and SDA
Num
Symbol
Characteristic
Min. Value
Max. Value
Unit
1—
CC1
1 Parameter values guaranteed by design.
Start condition hold time
2
—
IP-Bus Cycle2
2 Inter Peripheral Clock is the clock at which the I2C peripheral is working in the device
2—
CC1 Clock low time
8
—
IP-Bus Cycle2
4—
CC1 Data hold time
0.0
—
ns
6—
CC1 Clock high time
4
—
IP-Bus Cycle2
7—
CC1 Data setup time
0.0
—
ns
8—
CC1 Start condition setup time (for repeated start
condition only)
2
—
IP-Bus Cycle2
9—
CC1 Stop condition setup time
2
—
IP-Bus Cycle2
Table 44. I2C Output Timing Specifications—SCL and SDA
Num
Symbol
Characteristic
Min. Value
Max. Value
Unit
11
1 Programming IBFD (
I2C bus Frequency Divider) with the maximum frequency results in the minimum output
timings listed. The I2C interface is designed to scale the data transition time, moving it to the middle of the SCL low
period. The actual position is affected by the prescale and division values programmed in IFDR.
—CC2
2 Parameter values guaranteed by design.
Start condition hold time
6
—
IP-Bus Cycle3
3 Inter Peripheral Clock is the clock at which the I2C peripheral is working in the device
21
—CC2 Clock low time
10
—
IP-Bus Cycle2
34
4 Because SCL and SDA are open-drain-type outputs, which the processor can only actively drive low, the time SCL
or SDA takes to reach a high level depends on external signal capacitance and pull-up resistor values.
—CC2 SCL/SDA rise time
—
99.6
ns
41
—CC2 Data hold time
7
—
IP-Bus Cycle2
51
—CC2 SCL/SDA fall time
—
99.5
ns
61
—CC2 Clock high time
10
—
IP-Bus Cycle2
71
—CC2 Data setup time
2
—
IP-Bus Cycle2
81
—CC2 Start condition setup time (for repeated start
condition only)
20
—
IP-Bus Cycle2
91
—CC2 Stop condition setup time
10
—
IP-Bus Cycle2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com