Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5602BECLQ Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

No. de pieza PPC5602BECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5602BECLQ Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button PPC5602BECLQ Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
60
Figure 10. Main Oscillator Electrical Characteristics
Table 25. Main Oscillator Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
fXOSCHS
SR Oscillator frequency
4.0
—
16.0
MHz
gmXOSCHS
CC3 Oscillator
transconductance
VDD = 3.3 V ± 10%,
OSCILLATOR_MARGIN = 0
4.11
5.59
7.38
mA/V
VDD = 5.0 V ± 10%,
OSCILLATOR_MARGIN = 0
3.67
5.04
6.73
VDD = 3.3 V ± 10%,
OSCILLATOR_MARGIN = 1
4.93
6.70
8.86
VDD = 5.0 V ± 10%,
OSCILLATOR_MARGIN = 1
4.54
6.22
8.31
VXOSCHS
CC3 Oscillation amplitude
fOSC = 4 MHz,
VDD = 3.3 V ± 10%
2.51
—
—
V
fOSC = 16 MHz,
VDD = 3.3 V ± 10%
1.68
—
—
fOSC = 4 MHz,
VDD = 5.0 V ± 10%
4.74
—
—
fOSC = 16 MHz,
VDD = 5.0 V ± 10%
3.02
—
—
VXOSCHSOP CC
3 Oscillation operating
point
VDD = 3.3 V ± 10% VEXTAL
0.894
—
1.143
V
VXTAL
0.894
—
1.146
VDD = 5.0 V ± 10% VEXTAL
0.904
—
1.166
VXTAL
0.904
—
1.169
VXOSCHSOP
VDD
TXOSCHSSU
VDDMIN
VXTAL
VXOSCHS
valid internal clock
90%
10%
1/fXOSCHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com