Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5602BECLQ Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

No. de pieza PPC5602BECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5602BECLQ Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PPC5602BECLQ Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC5602BECLQ Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
56
IRMSSLW CC RMS I/O current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
2.33
mA
CL = 25 pF, 4 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
3.23
CL = 100 pF, 2 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
6.64
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
1.63
CL = 25 pF, 4 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
2.33
CL = 100 pF, 2 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
4.74
IRMSMED CC Average I/O current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
6.63
mA
CL = 25 pF, 4 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
13.43
CL = 100 pF, 2 MHz
VDD = 5.0 V ± 10%, ipp_hve = 0
18.34
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
5.03
CL = 25 pF, 4 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
8.53
CL = 100 pF, 2 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
11.04
IRMSFST CC Average I/O current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0V ± 10%, ipp_hve = 0
22.03 mA
CL = 25 pF, 4 MHz
VDD = 5.0V ± 10%, ipp_hve = 0
33.03
CL = 100 pF, 2 MHz
VDD = 5.0V ± 10%, ipp_hve = 0
56.04
CL = 25 pF, 2 MHz
VDD = 3.3V±10%, ipp_hve = 1
14.03
CL = 25 pF, 4 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
20.03
CL = 100 pF, 2 MHz
VDD = 3.3 V ± 10%, ipp_hve = 1
25.04
IDYNSEG SR Sum of all the dynamic and static I/O
current within a supply segment
VDD = 5.0 V ± 10%, ipp_hve = 0
110
mA
VDD = 3.3 V ± 10%, ipp_hve = 1
65
IAVGSEG SR Sum of all the static I/O current within
a supply segment
VDD = 5.0 V ± 10%, ipp_hve = 0
70
mA
VDD = 3.3 V ± 10%, ipp_hve = 1
65
Table 23. I/O Consumption (continued)
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com