Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPW Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTPW
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTPW Datasheet HTML 3Page - Linear Technology LTPW Datasheet HTML 4Page - Linear Technology LTPW Datasheet HTML 5Page - Linear Technology LTPW Datasheet HTML 6Page - Linear Technology LTPW Datasheet HTML 7Page - Linear Technology LTPW Datasheet HTML 8Page - Linear Technology LTPW Datasheet HTML 9Page - Linear Technology LTPW Datasheet HTML 10Page - Linear Technology LTPW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC1699 Series
7
FU CTIO AL BLOCK DIAGRA
MUX/DECODER
SETUP
READ-
BACK
R1*
LTC1699-80, R1 = 10k
LTC1699-81, R1 = 20k
LTC1699-82, R1 = 10k
*
GND
FB
SENSE
SEL
5
R2
5
VCC
SDA
SCL
5
3
LATCH
CONTROL
SMBON
DCON
1699 FBD
2.5
µA
PGOOD
VRON
CPU_ON
IO_ON
CLK_ON
5
5
COMMAND
LATCH
AND
DECODER
REGISTER
CONTROL
LOGIC
ON
OFF
ON/OFF
STATE
MACHINE
50
µs
TIMER
CONVERTER
CONTROL
LOGIC
REGISTER 0
REGISTER 1
POWER-ON
RESET
SMBus
INTERFACE
TEST CIRCUIT
–
+
CPU_ON OR
IO_ON OR
CLK_ON OR
PGOOD
FB
SENSE
VRON
GND
1699 F01
SEL
SDA
SCL
VCC
VRON
SEL
SDA
SCL
10k
S1
5V
5V
0.1
µF
S2
0.8V
100pF
Figure 1. Load for Timing Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com