Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPW Datasheet(PDF) 20 Page - Linear Technology

No. de pieza LTPW
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTPW Datasheet HTML 12Page - Linear Technology LTPW Datasheet HTML 13Page - Linear Technology LTPW Datasheet HTML 14Page - Linear Technology LTPW Datasheet HTML 15Page - Linear Technology LTPW Datasheet HTML 16Page - Linear Technology LTPW Datasheet HTML 17Page - Linear Technology LTPW Datasheet HTML 18Page - Linear Technology LTPW Datasheet HTML 19Page - Linear Technology LTPW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1699 Series
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2001
sn1699 1699fs LT/TP 0201 4K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER DESCRIPTION
COMMENTS
LTC1628/
High Efficiency, 2-phase, Synchronous Step Down Switching Regulators
Dual Controller, 0.8V Reference, Wide Input Voltage Range
LTC1628-PG
LTC1694/
SMBus/I2C Accelerators in SOT-23
Improves SMBus/I2C Data Integrity
LTC1694-1
LTC1702
Dual 1 MHz Synchronous 5V to 2.xV/1.xV Switching Regulator Controller
Low Input Voltages, High Efficiency
LTC1735/
High Efficiency Synchronous Step Down Switching Regulators
0.8V Reference, Wide Input Voltage Range, Synchronizable/
LTC1735-1
Programmable Fixed Frequency
LTC1878
Monolithic Synchronous Step Down Switching Regulator
0.8V Reference, Internal Synchronous Switch,
2.65V
≤ VIN ≤ 6V
LTC1706-19
VID Voltage Programmer
Parallel Interface, Designed for 1.19V Referenced Switching
Regulators
LTC1706-81
5-Bit Desktop VID Programmer
Parallel Interface, 0.8V Reference Intel Desktop VID Codes
(VRM8.4)
LTC1706-82
VID Programmer for Intel VRM9.0
Parallel Interface, 0.8V Reference Intel Desktop VID codes
(VRM9.0)
LTC1778
Wide Operating Range, No RSENSE
TM Step-Down Controller
2% to 90% Duty Cycle at 200kHz, tON(MIN) ≤ 100ns, Stable
with Ceramic COUT
LTC1929/
2-Phase High Efficiency Synchronous Step-Down Switching Regulators
2-Phase Single Output Controller, Wide VIN Range: 4V to 36V
LTC1929-PG
Operation
No RSENSE is a trademark of Linear Technology Corporation.
VCC
FB
GND
SENSE
SCL
SEL
PGOOD
SDA
8
6
7
5
3
1
4
2
µP
LTC1699
SMBus1
SMBus2
VCC
GND
5
4
1
2
LTC1694
0.1
µF
VCC
TO DC/DC
CONVERTER
SMBus
1699 TA04
0.1
µF
Enhanced Data Transmission Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com