Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPW Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTPW
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTPW Datasheet HTML 6Page - Linear Technology LTPW Datasheet HTML 7Page - Linear Technology LTPW Datasheet HTML 8Page - Linear Technology LTPW Datasheet HTML 9Page - Linear Technology LTPW Datasheet HTML 10Page - Linear Technology LTPW Datasheet HTML 11Page - Linear Technology LTPW Datasheet HTML 12Page - Linear Technology LTPW Datasheet HTML 13Page - Linear Technology LTPW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC1699 Series
10
APPLICATIO S I FOR ATIO
In general, adjustable DC/DC Converters regulate the
output voltage by dividing it down with a resistor divider
and comparing the result against a precision reference
voltage (VREF). As shown in the Block Diagram, the
LTC1699-80, LTC1699-81 and LTC1699-82 are variable
resistor dividers, which are programmed through a 2-wire
SMBus interface. They are specifically designed to sim-
plify the implementation of a voltage regulator module
(VRM) in both portable and desktop computers.
Two 5-bit divider settings can be programmed into Regis-
ter 0 and Register 1 using the SMBus interface. The
microprocessor selects one of these settings using the
TTL compatible SEL pin to control a 10:5 multiplexer
(MUX). The precision
±0.35%dividerisintendedtosetthe
Table 1. DC/DC Converter Output Voltage for VREF = 0.8V
VID4
VID3
VID2
VID1
VID0
LTC1699-80
LTC1699-81
LTC1699-82
00000
2.000V
2.05V
1.850V
00001
1.950V
2.00V
1.825V
00010
1.900V
1.95V
1.800V
00011
1.850V
1.90V
1.775V
00100
1.800V
1.85V
1.750V
00101
1.750V
1.80V
1.725V
00110
1.700V
1.75V
1.700V
00111
1.650V
1.70V
1.675V
01000
1.600V
1.65V
1.650V
01001
1.550V
1.60V
1.625V
01010
1.500V
1.55V
1.600V
01011
1.450V
1.50V
1.575V
01100
1.400V
1.45V
1.550V
01101
1.350V
1.40V
1.525V
01110
1.300V
1.35V
1.500V
01111
1.250V
1.30V
1.475V
10000
1.275V
3.50V
1.450V
10001
1.250V
3.40V
1.425V
10010
1.225V
3.30V
1.400V
10011
1.200V
3.20V
1.375V
10100
1.175V
3.10V
1.350V
10101
1.150V
3.00V
1.325V
10110
1.125V
2.90V
1.300V
10111
1.100V
2.80V
1.275V
11000
1.075V
2.70V
1.250V
11001
1.050V
2.60V
1.225V
11010
1.025V
2.50V
1.200V
11011
1.000V
2.40V
1.175V
11100
0.975V
2.30V
1.150V
11101
0.950V
2.20V
1.125V
11110
0.925V
2.10V
1.100V
11111
0.900V
2.00V
1.075V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com