Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPW Datasheet(PDF) 15 Page - Linear Technology

No. de pieza LTPW
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTPW Datasheet HTML 11Page - Linear Technology LTPW Datasheet HTML 12Page - Linear Technology LTPW Datasheet HTML 13Page - Linear Technology LTPW Datasheet HTML 14Page - Linear Technology LTPW Datasheet HTML 15Page - Linear Technology LTPW Datasheet HTML 16Page - Linear Technology LTPW Datasheet HTML 17Page - Linear Technology LTPW Datasheet HTML 18Page - Linear Technology LTPW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC1699 Series
15
APPLICATIO S I FOR ATIO
Operating Sequence
A typical control sequence for the LTC1699-80,
LTC1699-81 and LTC1699-82 is as follows:
• On power up, the DCON bit is preset to a high state by
the power-on reset (POR) circuit. The CPU_ON, IO_ON
and CLK_ON pins are pulled low to shut down the DC/
DC converters. PGOOD pulls low to indicate that the
converters are not in regulation.
• Pull VRON low as a precaution. Take SEL high or low to
select the divider setting; e.g., one that suits the existing
power source (battery or wall-pack).
• Use the Setup protocol to load the appropriate divider
settings in Registers 0 and 1 and enable the on/off state
machine.
• Use the Read-Back protocol to verify the contents of
Registers 0 and 1.
• Repeat the setup and read-back if the codes are incor-
rect (due to bus conflicts).
• Send two On protocols in succession to clear the DCON
bit.
• Use the Read-Back protocol to verify that the DCON is
low. A high state will indicate that an On command code
was corrupted by bus conflicts.
• Pull VRON high. Since DCON = 0, the CPU_ON, IO_ON
and CLK_ON pins enter a high impedance state, allow-
ing the DC/DC converters to soft-start. PGOOD stays
low for 50
µs.
• To shut down the supply, send two Off protocols to set
the DCON bit high or pull VRON low if immediate
shutdown is required.
The VRON signal in the 8-pin MSOP versions of the
LTC1699-80, LTC1699-81 and LTC1699-82 are pulled
high internally by a 2.5
µA current source. For these
versions, the converters are turned on or off only through
the SMBus interface.
Overvoltage Protection Faults
Toggling the SEL pin, i.e. changing the ladder setting “on
the fly” can trigger some converters with over-voltage
fault protection (OVP) into a fault state if the new setting
calls for a lower output voltage. For some converters such
as the LTC1702, cycling the power supply is the only way
to clear the fault and restore normal operation.
For the LTC1702, an OVP fault is triggered if the difference
between the programmed and prevailing output voltages
is greater than 15%, and persists for more than 25
µs. To
prevent the OVP fault from disabling the LTC1702, tie the
FAULT pin of the LTC1702 low. Tying FAULT low does not
disable the OVP circuit but blocks its effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com