Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPW Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTPW
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPW Datasheet(HTML) 5 Page - Linear Technology

  LTPW Datasheet HTML 1Page - Linear Technology LTPW Datasheet HTML 2Page - Linear Technology LTPW Datasheet HTML 3Page - Linear Technology LTPW Datasheet HTML 4Page - Linear Technology LTPW Datasheet HTML 5Page - Linear Technology LTPW Datasheet HTML 6Page - Linear Technology LTPW Datasheet HTML 7Page - Linear Technology LTPW Datasheet HTML 8Page - Linear Technology LTPW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC1699 Series
5
TYPICAL PERFOR A CE CHARACTERISTICS
SCL, SDA and SEL Input Current
vs Temperature
TEMPERATURE (
°C)
1699 G09
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–55 –35 –15
5
25
45
65
85 105 125
SCL PIN
SEL PIN
SDA PIN
VCC = 5.5V
VPIN = 5.5V
SDA, PGOOD, CPU_ON, IO_ON,
CLK_ON Sink Current vs
Temperature
PGOOD, CPU_ON, IO_ON,
CLK_ON Leakage Current vs
Temperature
VRON Pull-Up Current vs
Temperature
VRON Pull-Up Current vs Supply
Voltage
Power Good Low Duration vs
Temperature
LTC1699-80 Divider Error vs
Temperature
LTC1699-81 Divider Error vs
Temperature
LTC1699-82 Divider Error vs
Temperature
TEMPERATURE (
°C)
1699 G10
80
70
60
50
40
30
20
10
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V, ISK2
VCC = 2.7V, ISK1
TEMPERATURE (
°C)
1699 G11
7
6
5
4
3
2
1
0
–60 –40 –20
0
20
40
60
80 100 120
VPIN = 5.5V
TEMPERATURE (
°C)
1699 G12
2.50
2.45
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.95
1.90
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V
VCC = 2.7V
SUPPLY VOLTAGE (V)
1.5
1699 G013
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.5
4.5
5.5
6.5
TA = 25°C
VRON = 0V
TEMPERATURE (
°C)
1699 G15
0.05
0
–0.05
–0.10
–0.15
–0.20
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V (MINIMUM VCC)
CODE 31
CODE 15
CODE 16
CODE 0
TEMPERATURE (
°C)
1699 G16
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V (MINIMUM VCC)
CODE 15
CODE 31
CODE 0
CODE 16
TEMPERATURE (
°C)
1699 G14
52.0
51.5
51.0
50.5
50.0
49.5
49.0
–60 –40 –20
0
20
40
60
80 100 120
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (
°C)
1699 G17
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
–0.02
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V (MINIMUM VCC)
CODE 31
CODE 15
CODE 16
CODE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com