Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 324 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 324 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 320Page - Microsemi Corporation AFS600 Datasheet HTML 321Page - Microsemi Corporation AFS600 Datasheet HTML 322Page - Microsemi Corporation AFS600 Datasheet HTML 323Page - Microsemi Corporation AFS600 Datasheet HTML 324Page - Microsemi Corporation AFS600 Datasheet HTML 325Page - Microsemi Corporation AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation AFS600 Datasheet HTML 328Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 334 page
background image
Datasheet Information
5- 8
R e v ision 2
Advance 1.0
(continued)
In the "Gate Driver" section, 25 mA was changed to 20 mA and 1.5 MHz was
changed to 1.3 MHz. In addition, the following sentence was deleted:
The maximum AG pad switching frequency is 1.25 MHz.
2-94
The "Temperature Monitor" section was updated to rewrite most of the text and add
Figure 2-78, Figure 2-79, and Table 2-38 • Temperature Data Format.
2-96
In Table 2-38 • Temperature Data Format, the temperature K column was changed
for 85°C from 538 to 358.
2-98
In Table 2-45 • ADC Interface Timing, "Typical-Case" was changed to "Worst-Case."
2-110
The "ADC Interface Timing" section is new.
2-110
Table 2-46 • Analog Channel Specifications was updated.
2-118
The "VCC15A Analog Power Supply (1.5 V)" section was updated.
2-224
The "VCCPLA/B PLL Supply Voltage" section is new.
2-225
In "VCCNVM Flash Memory Block Power Supply (1.5 V)" section, supply was
changed to supply input.
2-224
The "VCCPLA/B PLL Supply Voltage" pin description was updated to include the
following statement:
Actel recommends tying VCCPLX to VCC and using proper filtering circuits to
decouple VCC noise from PLL.
2-225
The "VCOMPLA/B Ground for West and East PLL" section was updated.
2-225
In Table 2-47 • ADC Characteristics in Direct Input Mode, the commercial conditions
were updated and note 2 is new.
2-121
The VCC33ACAP signal name was changed to "XTAL1 Crystal Oscillator Circuit
Input".
2-228
Table 2-48 • Uncalibrated Analog Channel Accuracy* is new.
2-123
Table 2-49 • Calibrated Analog Channel Accuracy 1,2,3 is new.
2-124
Table 2-50 • Analog Channel Accuracy: Monitoring Standard Positive Voltages is
new.
2-125
In Table 2-57 • Voltage Polarity Control Truth Table—AV (x = 0), AC (x = 1), and AT
(x = 3)*, the following I/O Bank names were changed:
Hot-Swap changed to Standard
LVDS changed to Advanced
2-131
In Table 2-58 • Prescaler Op Amp Power-Down Truth Table—AV (x = 0), AC (x = 1),
and AT (x = 3), the following I/O Bank names were changed:
Hot-Swap changed to Standard
LVDS changed to Advanced
2-132
In the title of Table 2-64 • I/O Standards Supported by Bank Type, LVDS I/O was
changed to Advanced I/O.
2-134
The title was changed from "Fusion Standard, LVDS, and Standard plus Hot-Swap
I/O" to Table 2-68 • Fusion Standard and Advanced I/O Features. In addition, the
table headings were all updated. The heading used to be Standard and LVDS I/O
and was changed to Advanced I/O. Standard Hot-Swap was changed to just
Standard.
2-136
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com