Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 323 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 323 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 319Page - Microsemi Corporation AFS600 Datasheet HTML 320Page - Microsemi Corporation AFS600 Datasheet HTML 321Page - Microsemi Corporation AFS600 Datasheet HTML 322Page - Microsemi Corporation AFS600 Datasheet HTML 323Page - Microsemi Corporation AFS600 Datasheet HTML 324Page - Microsemi Corporation AFS600 Datasheet HTML 325Page - Microsemi Corporation AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
5 -7
Advance v1.3
(July 2008)
The "ADC Description" section was significantly updated. Please review carefully.
2-102
Advance v1.2
(May 2008)
Table 2-25 • Flash Memory Block Timing was significantly updated.
2-55
The "VAREF Analog Reference Voltage" pin description section was significantly
update. Please review it carefully.
2-226
Table 2-45 • ADC Interface Timing was significantly updated.
2-110
Table 2-56 • Direct Analog Input Switch Control Truth Table—AV (x = 0), AC (x = 1),
and AT (x = 3) was significantly updated.
2-131
The following sentence was deleted from the "Voltage Monitor" section:
The Analog Quad inputs are tolerant up to 12 V + 10%.
2-86
The "180-Pin QFN" figure was updated. D1 to D4 are new and the figure was
changed to bottom view. The note below the figure is new.
3-3
Advance v1.1
(May 2008)
The following text was incorrect and therefore deleted:
VCC33A
Analog Power Filter
Analog power pin for the analog power supply low-pass filter. An external 100 pF
capacitor should be connected between this pin and ground.
There is still a description of VCC33A on page 2-224.
2-204
Advance v1.0
(January 2008)
All Timing Characteristics tables were updated. For the Differential I/O Standards,
the Standard I/O support tables are new.
N/A
Table 2-3 • Array Coordinates was updated to change the max x and y values
2-9
Table 2-12 • Fusion CCC/PLL Specification was updated.
2-31
A note was added to Table 2-16 · RTC ACM Memory Map.
2-37
A reference to the Peripheral’s User’s Guide was added to the "Voltage Regulator
Power Supply Monitor (VRPSM)" section.
2-42
In Table 2-25 • Flash Memory Block Timing, the commercial conditions were
updated.
2-55
In Table 2-26 • FlashROM Access Time, the commercial conditions were missing
and have been added below the title of the table.
2-58
In Table 2-36 • Analog Block Pin Description, the function description was updated
for the ADCRESET.
2-82
In the "Voltage Monitor" section, the following sentence originally had ± 10% and it
was changed to +10%.
The Analog Quad inputs are tolerant up to 12 V + 10%.
In addition, this statement was deleted from the datasheet:
Each I/O will draw power when connected to power (3 mA at 3 V).
2-86
The "Terminology" section is new.
2-88
The "Current Monitor" section was significantly updated. Figure 2-72 • Timing
Diagram for Current Monitor Strobe to Figure 2-74 • Negative Current Monitor and
Table 2-37 • Recommended Resistor for Different Current Range Measurement are
new.
2-90
The "ADC Description" section was updated to add the "Terminology" section.
2-93
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com