Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VC Datasheet(PDF) 55 Page - STMicroelectronics

No. de pieza STM32F205VC
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 51Page - STMicroelectronics STM32F205VC Datasheet HTML 52Page - STMicroelectronics STM32F205VC Datasheet HTML 53Page - STMicroelectronics STM32F205VC Datasheet HTML 54Page - STMicroelectronics STM32F205VC Datasheet HTML 55Page - STMicroelectronics STM32F205VC Datasheet HTML 56Page - STMicroelectronics STM32F205VC Datasheet HTML 57Page - STMicroelectronics STM32F205VC Datasheet HTML 58Page - STMicroelectronics STM32F205VC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 177 page
background image
PD14
TIM4_CH3
FSMC_D0
EVENTOUT
PD15
TIM4_CH4
FSMC_D1
EVENTOUT
PE0
TIM4_ETR
FSMC_NBL0
DCMI_D2
EVENTOUT
PE1
FSMC_BLN1
DCMI_D3
EVENTOUT
PE2
TRACECLK
ETH _MII_TXD3
FSMC_A23
EVENTOUT
PE3
TRACED0
FSMC_A19
EVENTOUT
PE4
TRACED1
FSMC_A20
DCMI_D4
EVENTOUT
PE5
TRACED2
TIM9_CH1
FSMC_A21
DCMI_D6
EVENTOUT
PE6
TRACED3
TIM9_CH2
FSMC_A22
DCMI_D7
EVENTOUT
PE7
TIM1_ETR
FSMC_D4
EVENTOUT
PE8
TIM1_CH1N
FSMC_D5
EVENTOUT
PE9
TIM1_CH1
FSMC_D6
EVENTOUT
PE10
TIM1_CH2N
FSMC_D7
EVENTOUT
PE11
TIM1_CH2
FSMC_D8
EVENTOUT
PE12
TIM1_CH3N
FSMC_D9
EVENTOUT
PE13
TIM1_CH3
FSMC_D10
EVENTOUT
PE14
TIM1_CH4
FSMC_D11
EVENTOUT
PE15
TIM1_BKIN
FSMC_D12
EVENTOUT
PF0
I2C2_SDA
FSMC_A0
EVENTOUT
PF1
I2C2_SCL
FSMC_A1
EVENTOUT
PF2
I2C2_SMBA
FSMC_A2
EVENTOUT
PF3
FSMC_A3
EVENTOUT
PF4
FSMC_A4
EVENTOUT
PF5
FSMC_A5
EVENTOUT
PF6
TIM10_CH1
FSMC_NIORD
EVENTOUT
PF7
TIM11_CH1
FSMC_NREG
EVENTOUT
PF8
TIM13_CH1
FSMC_NIOWR
EVENTOUT
PF9
TIM14_CH1
FSMC_CD
EVENTOUT
PF10
FSMC_INTR
EVENTOUT
PF11
DCMI_D12
EVENTOUT
PF12
FSMC_A6
EVENTOUT
PF13
FSMC_A7
EVENTOUT
PF14
FSMC_A8
EVENTOUT
Table 8.
Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3
SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More