| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F205VC Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VC Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 177 page ![]() STM32F20xxx Pinouts and pin description Doc ID 15818 Rev 9 47/177 - - - - 128 E12 PH13 I/O FT PH13 TIM8_CH1N / CAN1_TX/ EVENTOUT - - - - 129 E13 PH14 I/O FT PH14 TIM8_CH2N / DCMI_D4/ EVENTOUT - - - - 130 D13 PH15 I/O FT PH15 TIM8_CH3N / DCMI_D11/ EVENTOUT - - - - 131 E14 PI0 I/O FT PI0 TIM5_CH4 / SPI2_NSS / I2S2_WS / DCMI_D13/ EVENTOUT - - - - 132 D14 PI1 I/O FT PI1 SPI2_SCK / I2S2_SCK / DCMI_D8/ EVENTOUT - - - - 133 C14 PI2 I/O FT PI2 TIM8_CH4 /SPI2_MISO / DCMI_D9/ EVENTOUT - - - - 134 C13 PI3 I/O FT PI3 TIM8_ETR / SPI2_MOSI / I2S2_SD / DCMI_D10/ EVENTOUT -- - - 135 D9 VSS_15 SVSS_15 -- - - 136 C9 VDD_15 SVDD_15 49 A1 76 109 137 A14 PA14 I/O FT JTCK- SWCLK JTCK-SWCLK/ EVENTOUT 50 A2 77 110 138 A13 PA15 I/O FT JTDI JTDI/ SPI3_NSS/ I2S3_WS/TIM2_CH1_ETR / SPI1_NSS/ EVENTOUT 51 B3 78 111 139 B14 PC10 I/O FT PC10 SPI3_SCK / I2S3_SCK / UART4_TX / SDIO_D2 / DCMI_D8 / USART3_TX/ EVENTOUT 52 C3 79 112 140 B13 PC11 I/O FT PC11 UART4_RX/ SPI3_MISO / SDIO_D3 / DCMI_D4/USART3_RX/ EVENTOUT 53 A3 80 113 141 A12 PC12 I/O FT PC12 UART5_TX/SDIO_CK / DCMI_D9 / SPI3_MOSI / I2S3_SD / USART3_CK/ EVENTOUT - - 81 114 142 B12 PD0 I/O FT PD0 FSMC_D2/CAN1_RX/ EVENTOUT - - 82 115 143 C12 PD1 I/O FT PD1 FSMC_D3 / CAN1_TX/ EVENTOUT Table 6. STM32F20x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |