| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F205VC Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VC Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 177 page ![]() STM32F20xxx Pinouts and pin description Doc ID 15818 Rev 9 41/177 7 E8 14 25 31 J1 NRST I/O NRST 8G9 15 26 32 M2 PC0(6) I/O FT PC0 OTG_HS_ULPI_STP/ EVENTOUT ADC123_ IN10 9F8 16 27 33 M3 PC1(6) I/O FT PC1 ETH_MDC/ EVENTOUT ADC123_ IN11 10 D7 17 28 34 M4 PC2(6) I/O FT PC2 SPI2_MISO / OTG_HS_ULPI_DIR / ETH_MII_TXD2/ EVENTOUT ADC123_ IN12 11 G8 18 29 35 M5 PC3(6) I/O FT PC3 SPI2_MOSI / I2S2_SD / OTG_HS_ULPI_NXT / ETH_MII_TX_CLK/ EVENTOUT ADC123_ IN13 - - 19 30 36 - VDD_12 SVDD_12 12 - 20 31 37 M1 VSSA SVSSA -- - - - N1 VREF- SVREF- -F7 21 32 38 P1 VREF+ SVREF+ 13 - 22 33 39 R1 VDDA SVDDA 14 E7 23 34 40 N3 PA0(7)-WKUP(6) I/O FT PA0-WKUP USART2_CTS/ UART4_TX/ ETH_MII_CRS / TIM2_CH1_ETR/ TIM5_CH1 / TIM8_ETR/ EVENTOUT ADC123_IN0/ WKUP 15 H8 24 35 41 N2 PA1(6) I/O FT PA1 USART2_RTS / UART4_RX/ ETH_RMII_REF_CLK / ETH_MII_RX_CLK / TIM5_CH2 / TIM2_CH2/ EVENTOUT ADC123_IN1 16 J9 25 36 42 P2 PA2(6) I/O FT PA2 USART2_TX/TIM5_CH3 / TIM9_CH1 / TIM2_CH3 / ETH_MDIO/ EVENTOUT ADC123_IN2 - - - - 43 F4 PH2 I/O FT PH2 ETH_MII_CRS/ EVENTOUT - - - - 44 G4 PH3 I/O FT PH3 ETH_MII_COL/ EVENTOUT - - - - 45 H4 PH4 I/O FT PH4 I2C2_SCL / OTG_HS_ULPI_NXT/ EVENTOUT - - - - 46 J4 PH5 I/O FT PH5 I2C2_SDA/ EVENTOUT Table 6. STM32F20x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |