Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VC Datasheet(PDF) 39 Page - STMicroelectronics

No. de pieza STM32F205VC
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 35Page - STMicroelectronics STM32F205VC Datasheet HTML 36Page - STMicroelectronics STM32F205VC Datasheet HTML 37Page - STMicroelectronics STM32F205VC Datasheet HTML 38Page - STMicroelectronics STM32F205VC Datasheet HTML 39Page - STMicroelectronics STM32F205VC Datasheet HTML 40Page - STMicroelectronics STM32F205VC Datasheet HTML 41Page - STMicroelectronics STM32F205VC Datasheet HTML 42Page - STMicroelectronics STM32F205VC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
39/177
Figure 13.
STM32F20x UFBGA176 ballout
1.
RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2.
Top view.
1
2
3
9
10
11
12
13
14
15
A
PE3
PE2
PE1
PE0
PB8
PB5
PG14
PG13
PB4
PB3
PD7
PC12
PA15
PA14
PA13
B
PE4
PE5
PE6
PB9
PB7
PB6
PG15
PG12
PG11
PG10
PD6
PD0
PC11
PC10
PA12
CVBAT
PI7
PI6
PI5
RFU
VDD_3
VDD_11
VDD_10
VDD_15
PG9
PD5
PD1
PI3
PI2
PA11
D
PC13-
TAMP1
PI8-
TAMP2
PI9
PI4
BOOT0
VSS_11
VSS_10
VSS_15
PD4
PD3
PD2
PH15
PI1
PA10
E
PC14-
OSC32_IN
PF0
PI10
PI11
PH13
PH14
PI0
PA9
F
PC15-
OSC32_OUT
VSS_13
VDD_13
PH2
VSS
VSS
VSS
VSS
VSS
VSS_2
VCAP2
PC9
PA8
G
PH0-
OSC_IN
VSS_5
VDD_5
PH3
VSS
VSS
VSS
VSS
VSS
VSS_9
VDD_2
PC8
PC7
H
PH1-
OSC_OUT
PF2
PF1
PH4
VSS
VSS
VSS
VSS
VSS
VSS_14
VDD_9
PG8
PC6
J
NRST
PF3
PF4
PH5
VSS
VSS
VSS
VSS
VSS
VDD_14
VDD_8
PG7
PG6
K
PF7
PF6
PF5
VDD_4
VSS
VSS
VSS
VSS
VSS
PH12
PG5
PG4
PG3
L
PF10
PF9
PF8
REGOFF
PH11
PH10
PD15
PG2
M
VSSA
PC0
PC1
PC2
PC3
PB2
PG1
VSS_6
VSS_7
VCAP1
PH6
PH8
PH9
PD14
PD13
NVREF-
PA1
PA0-
WKUP
PA4
PC4
PF13
PG0
VDD_6
VDD_7
VDD_1
PE13
PH7
PD12
PD11
PD10
P
VREF+
PA2
PA6
PA5
PC5
PF12
PF15
PE8
PE9
PE11
PE14
PB12
PB13
PD9
PD8
R
VDDA
PA3
PA7
PB1
PB0
PF11
PF14
PE7
PE10
PE12
PE15
PB10
PB11
PB14
PB15
ai17293b
VSS
4
35
6
7
8
Table 6.
STM32F20x pin and ball definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions
-
-
1
1
1
A2
PE2
I/O FT
PE2
TRACECLK/ FSMC_A23 /
ETH_MII_TXD3 /
EVENTOUT
-
-
2
2
2
A1
PE3
I/O FT
PE3
TRACED0/FSMC_A19/
EVENTOUT
-
-
3
3
3
B1
PE4
I/O FT
PE4
TRACED1/FSMC_A20 /
DCMI_D4/ EVENTOUT
-
-
4
4
4
B2
PE5
I/O FT
PE5
TRACED2 / FSMC_A21 /
TIM9_CH1 / DCMI_D6/
EVENTOUT
-
-
5
5
5
B3
PE6
I/O FT
PE6
TRACED3 / FSMC_A22 /
TIM9_CH2 / DCMI_D7/
EVENTOUT
1A9
6
6
6
C1
VBAT
SVBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More