| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F205VC Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VC Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 177 page ![]() Pinouts and pin description STM32F20xxx 44/177 Doc ID 15818 Rev 9 30 J2 48 70 80 R13 PB11 I/O FT PB11 I2C2_SDA/USART3_RX/ OTG_HS_ULPI_D4 / ETH_RMII_TX_EN/ ETH_MII_TX_EN / TIM2_CH4/ EVENTOUT 31 J3 49 71 81 M10 VCAP_1 SVCAP_1 32 - 50 72 82 N10 VDD_1 SVDD_1 - - - - 83 M11 PH6 I/O FT PH6 I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2/ EVENTOUT - - - - 84 N12 PH7 I/O FT PH7 I2C3_SCL / ETH_MII_RXD3/ EVENTOUT - - - - 85 M12 PH8 I/O FT PH8 I2C3_SDA / DCMI_HSYNC/ EVENTOUT - - - - 86 M13 PH9 I/O FT PH9 I2C3_SMBA / TIM12_CH2/ DCMI_D0/ EVENTOUT - - - - 87 L13 PH10 I/O FT PH10 TIM5_CH1 / DCMI_D1/ EVENTOUT - - - - 88 L12 PH11 I/O FT PH11 TIM5_CH2 / DCMI_D2/ EVENTOUT - - - - 89 K12 PH12 I/O FT PH12 TIM5_CH3 / DCMI_D3/ EVENTOUT -- - - 90 H12 VSS_14 SVSS_14 -- - - 91 J12 VDD_14 SVDD_14 33 J1 51 73 92 P12 PB12 I/O FT PB12 SPI2_NSS/I2S2_WS/ I2C2_SMBA/ USART3_CK/ TIM1_BKIN / CAN2_RX / OTG_HS_ULPI_D5/ ETH_RMII_TXD0 / ETH_MII_TXD0/ OTG_HS_ID/ EVENTOUT 34 H2 52 74 93 P13 PB13 I/O FT PB13 SPI2_SCK / I2S2_SCK / USART3_CTS/ TIM1_CH1N /CAN2_TX / OTG_HS_ULPI_D6 / ETH_RMII_TXD1 / ETH_MII_TXD1/ EVENTOUT OTG_HS_ VBUS Table 6. STM32F20x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |