Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP6123 Datasheet(PDF) 11 Page - Exar Corporation

No. de pieza SP6123
Descripción Electrónicos  Synchronous Step-Down PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

SP6123 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP6123 Datasheet HTML 7Page - Exar Corporation SP6123 Datasheet HTML 8Page - Exar Corporation SP6123 Datasheet HTML 9Page - Exar Corporation SP6123 Datasheet HTML 10Page - Exar Corporation SP6123 Datasheet HTML 11Page - Exar Corporation SP6123 Datasheet HTML 12Page - Exar Corporation SP6123 Datasheet HTML 13Page - Exar Corporation SP6123 Datasheet HTML 14Page - Exar Corporation SP6123 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Date: 9/13/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
power sources. Certain tantalum capacitors, such
as AVX TPS series, are surge tested. For generic
tantalum capacitors, use 2:1 voltage derating to
protect the input capacitors from surge fallout.
MOSFET Selection
The losses associated with MOSFETs can be
divided into conduction and switching losses.
Conduction losses are related to the on resis-
tance of MOSFETs, and increase with the load
current. Switching losses occur on each on/off
transition when the MOSFETs experience both
high current and voltage. Since the bottom
MOSFET switches current from/to a paralleled
diode (either its own body diode or an external
Schottky diode), the voltage across the MOSFET
is no more than 1V during switching transition.
As a result, its switching losses are negligible.
The switching losses are difficult to quantify
due to all the variables affecting turn on/off
time. However, making the assumption that the
turn on and turn off transition times are equal,
the transition time can be approximated by:
tT = CISSVIN ,
IG
where CISS is the MOSFET’s input capacitance,
or the sum of the gate-to-source capacitance,
CGS, and the drain-to-gate capacitance, CGD.
This parameter can be directly obtained from
the MOSFET’s data sheet.
IG is the gate drive current provided by the
SP6123 (approximately 1A at VIN=5V) and VIN
is the input supply voltage.
Therefore an approximate expression for the
switching losses associated with the high side
MOSFET can be given as:
PSH(max) = (VIN(max) + VF)IOUT(max)tTFS ,
where tT is the switching transition time and VF
is the free wheeling diode drop.
Switching losses need to be taken into account
for high switching frequency, since they are
directly proportional to switching frequency.
The conduction losses associated with top and
bottom MOSFETs are determined by
PCH(max) = RDS(ON)IOUT(max)
2D
PCL(max) = RDS(ON)IOUT(max)
2(1 - D),
where:
PCH(max) = conduction losses of the high side
MOSFET
PCL(max) = conduction losses of the low side
MOSFET
RDS(ON) = drain to source on resistance.
The total power losses of the top MOSFET are
the sum of switching and conduction losses. For
synchronous buck converters of efficiency over
90%, allow no more than 4% power losses for
high or low side MOSFETs. For input voltages
of 3.3V and 5V, conduction losses often domi-
nate switching losses. Therefore, lowering the
RDS(ON) of the MOSFETs always improves effi-
ciency even though it gives rise to higher switch-
ing losses due to increased CISS .
Total gate charge is the charge required to turn
the MOSFETs on and off under the specified
operating conditions (VGS and VDS). The gate
charge is provided by the SP6123 gate drive
circuitry. (At 500kHz switching frequency, the
gate charge is the dominant source of power
dissipation in the SP6123). At low output levels,
this power dissipation is noticeable as a reduc-
tion in efficiency. The average current required
to drive the high side and low side MOSFETs is:
IG(av) = QGHFS + QGLFS, where
QGH and QGL are the total charge for the high
side and the low side MOSFETs respectively.
Considering that the gate charge current comes
from the input supply voltage VIN, the power
dissipated in the SP6123 due to the gate drive is:
PGATE DRIVE = VINIG(av)
Top and bottom MOSFETs experience unequal
conduction losses if their on time is unequal. For
applications running at large or small duty cycle,
it makes sense to use different top and bottom
MOSFETs. Alternatively, parallel multiple
MOSFETs to conduct large duty factor.
RDS(ON) varies greatly with the gate driver volt-
age. The MOSFET vendors often specify RDS(ON)
on multiple gate to source voltages (VGS), as
well as provide typical curve of RDS(ON) versus
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com