Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP6123 Datasheet(PDF) 6 Page - Exar Corporation

No. de pieza SP6123
Descripción Electrónicos  Synchronous Step-Down PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

SP6123 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6123 Datasheet HTML 2Page - Exar Corporation SP6123 Datasheet HTML 3Page - Exar Corporation SP6123 Datasheet HTML 4Page - Exar Corporation SP6123 Datasheet HTML 5Page - Exar Corporation SP6123 Datasheet HTML 6Page - Exar Corporation SP6123 Datasheet HTML 7Page - Exar Corporation SP6123 Datasheet HTML 8Page - Exar Corporation SP6123 Datasheet HTML 9Page - Exar Corporation SP6123 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Date: 9/13/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
clamp and then gradually charges preventing
the error amplifier from forcing the loop to
maximum duty cycle. As the COMP voltage
crosses about 1V (valley voltage of the PWM
ramp), the driver begins to switch the high side
MOSFET with narrow pulses in an effort to
keep the converter output regulated . The SP6123
operates at low duty cycle as the COMP voltage
increases above 1V. As the error amp reference
ramps upward, the driver pulses widen until a
steady state value is reached and the output
voltage is regulated to the final value ending the
soft start charge cycle.
Hiccup Mode
When the converter enters a fault mode, the
SP6123 holds the high side and low side
MOSFETs off for a finite period of time. Pro-
vided that the SP6123 is enabled, this time is set
by the internal charge of the soft-start capacitor.
In the event of an overcurrent condition, the
current sense comparator sets the fault latch,
which in turn discharge the internal SS capaci-
tor, the COMP pin and holds the output drivers
off. During this condition, the SP6123 stays off
for the time it takes to discharge the COMP pin
down to the 0.27V shutdown threshold. At this
point, the fault latch is reset, but before the
SP6123 is allowed to attempt restart, the COMP
pin has to charge back to 1V before any output
switching can be initiated. Then, the regulator
attempts to restart normally by delivering short
gate pulses and if the overcurrent condition is
still present, the cycle will repeat itself. How-
ever, if upon restart, the overcurrent condition is
still present, the SP6123 will detect the fault and
remain in a fault state until COMP reaches about
VCC-1V thereby increasing the MOSFET off-
time. This protection scheme minimizes ther-
mal stress to the regulator components as the
overcurrent condition persists.
The simplified waveforms that describe the hic-
cup mode operation are shown below.
200 mV
3 V
0.3 V
VCOMP
1.0 V
GH
VSWN
VBST
VCC-VSWN
Voltage
TIME
0 V
0.8 V
I(L)
TIME
0.3 V
0.7 V
1 V
0 V
VOUT = VREF * (1+R1/R2)
COMP
Internal SS
0 V
SWN
Voltage
Voltage
FAULT
Current
Inductor
0 A
Voltage
Reference
Error Amp
0 V
V(VCC)
0 V
V(VCC)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com