Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP6123 Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza SP6123
Descripción Electrónicos  Synchronous Step-Down PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

SP6123 Datasheet(HTML) 1 Page - Exar Corporation

  SP6123 Datasheet HTML 1Page - Exar Corporation SP6123 Datasheet HTML 2Page - Exar Corporation SP6123 Datasheet HTML 3Page - Exar Corporation SP6123 Datasheet HTML 4Page - Exar Corporation SP6123 Datasheet HTML 5Page - Exar Corporation SP6123 Datasheet HTML 6Page - Exar Corporation SP6123 Datasheet HTML 7Page - Exar Corporation SP6123 Datasheet HTML 8Page - Exar Corporation SP6123 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Date: 9/13/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
SP6123/SP6123A
■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ Accurate Fixed 300kHz (SP6123) or 500kHz
(SP6123A) Frequency Operation
■ Fast Transient Response
■ Internal Soft Start Circuit
■ Accurate 0.8V Reference Allows Low Output
Voltages
■ Resistor Programmable Output Voltage
■ Loss-less Current Limit with High Side RDS(ON)
Sensing
■ Hiccup Mode Current Limit Protection
■ Dual N-Channel MOSFET Synchronous Driver
■ Quiescent Current: 500µA, 30µA in Shutdown
■ 8-Pin Surface Mount Package
Low Voltage, Synchronous Step-Down PWM Controller
Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power
The SP6123 is a fixed frequency, voltage mode, synchronous PWM controller designed to
work from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high
efficiency power conversion. Requiring only few external components, the SP6123 pack-
aged in an 8-pin NSOIC, is especially suited for low voltage applications where cost, small
size and high efficiency are critical. The operating frequency is internally set to 300kHz
(SP6123) or 500kHz (SP6123A), allowing small inductor values and minimizing PC board
space. The SP6123 drives an all N-channel synchronous power MOSFET stage for improved
efficiency and includes an accurate 0.8V reference for low output voltage applications.
®
TYPICAL APPLICATION CIRCUIT
BST
SWN
VCC
VFB
COMP
GH
GL
GND
CC
4.7nF
RZ
15k
CB
2.2µF
VIN
SP6123A
CP
56pF
FDS6890A
CIN
680µF
R1
10k
VOUT
IN
0.8V to 5.0V
2A to 10A
(1.6V, 4A shown)
CBST
1µF
MBR0530
L1
1.5µH
FDS6890A
COUT1
470µF
COUT3
1µF
R2
10k
COUT2
470µF
STPS2L25U
3V to 5.5V
Now Available in Lead Free Packaging
DESCRIPTION
1
2
3
4
5
6
7
8
SP6123
8 Pin nSOIC
COMP
GL
BST
GH
SWN
VFB
VCC
GND
FEATURES


Número de pieza similar - SP6123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123A SIPEX-SP6123A Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123ACN SIPEX-SP6123ACN Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123ACN/TR SIPEX-SP6123ACN/TR Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123CN SIPEX-SP6123CN Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Descripción similar - SP6123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com