Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 65Page - STMicroelectronics STM32L496VG Datasheet HTML 66Page - STMicroelectronics STM32L496VG Datasheet HTML 67Page - STMicroelectronics STM32L496VG Datasheet HTML 68Page - STMicroelectronics STM32L496VG Datasheet HTML 69Page - STMicroelectronics STM32L496VG Datasheet HTML 70Page - STMicroelectronics STM32L496VG Datasheet HTML 71Page - STMicroelectronics STM32L496VG Datasheet HTML 72Page - STMicroelectronics STM32L496VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 263 page
background image
Table 15. STM32L496xx pin definitions
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions
-
-
-
-
-
-
-
C3
C3
PI11
I/O
FT
-
EVENTOUT
-
-
B9
C8
1
B2
1
1
D3
D3
PE2
I/O
FT_l
-
TRACECK, TIM3_ETR, TSC_G7_IO1,
LCD_SEG38, FMC_A23, SAI1_MCLK_A,
EVENTOUT
-
-
B10
B10
2
A1
2
2
D2
D2
PE3
I/O
FT_l
-
TRACED0, TIM3_CH1, TSC_G7_IO2,
LCD_SEG39, FMC_A19, SAI1_SD_B,
EVENTOUT
-
-
C8
E7
3
B1
3
3
D1
D1
PE4
I/O
FT
-
TRACED1, TIM3_CH2, DFSDM1_DATIN3,
TSC_G7_IO3, DCMI_D4, FMC_A20,
SAI1_FS_A, EVENTOUT
-
-
D8
E8
4
C2
4
4
E4
E4
PE5
I/O
FT
-
TRACED2, TIM3_CH3, DFSDM1_CKIN3,
TSC_G7_IO4, DCMI_D6, FMC_A21,
SAI1_SCK_A, EVENTOUT
-
-
E7
D8
5
D2
5
5
E3
E3
PE6
I/O
FT
-
TRACED3, TIM3_CH4, DCMI_D7, FMC_A22,
SAI1_SD_A, EVENTOUT
RTC_TAMP3/WKUP3
1
C10
C10
6
E2
6
6
E2
E2
VBAT
S
-
-
-
-
2
C9
C9
7
C1
7
7
E1
E1
PC13
I/O
FT
-
EVENTOUT
RTC_TAMP1/RTC_TS/
RTC_OUT/WKUP2
3D10
D108
D1
8
8
F1
F1
PC14-
OSC32_IN
(PC14)
I/O
FT
-
EVENTOUT
OSC32_IN
4E10
D9
9
E1
9
9
G1
G1
PC15-
OSC32_OUT
(PC15)
I/O
FT
-
EVENTOUT
OSC32_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More