Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 75 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 71Page - STMicroelectronics STM32L496VG Datasheet HTML 72Page - STMicroelectronics STM32L496VG Datasheet HTML 73Page - STMicroelectronics STM32L496VG Datasheet HTML 74Page - STMicroelectronics STM32L496VG Datasheet HTML 75Page - STMicroelectronics STM32L496VG Datasheet HTML 76Page - STMicroelectronics STM32L496VG Datasheet HTML 77Page - STMicroelectronics STM32L496VG Datasheet HTML 78Page - STMicroelectronics STM32L496VG Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 263 page
background image
-
H5
H5
41L8
6363
H7
H7
PE10
I/O
FT
-
TIM1_CH2N, DFSDM1_DATIN4,
TSC_G5_IO1, QUADSPI_CLK, FMC_D7,
SAI1_MCLK_B, EVENTOUT
-
-
K4
K4
42
M9
64
64
N8
N8
PE11
I/O
FT
-
TIM1_CH2, DFSDM1_CKIN4, TSC_G5_IO2,
QUADSPI_BK1_NCS, FMC_D8, EVENTOUT
-
-
G5
J4
43L9
6565
M8
M8
PE12
I/O
FT
-
TIM1_CH3N, SPI1_NSS, DFSDM1_DATIN5,
TSC_G5_IO3, QUADSPI_BK1_IO0,
FMC_D9, EVENTOUT
-
-
G4
G5
44
M10
66
66
L8
L8
PE13
I/O
FT
-
TIM1_CH3, SPI1_SCK, DFSDM1_CKIN5,
TSC_G5_IO4, QUADSPI_BK1_IO1,
FMC_D10, EVENTOUT
-
-
J4
G4
45
M11
67
67
K8
K8
PE14
I/O
FT
-
TIM1_CH4, TIM1_BKIN2,
TIM1_BKIN2_COMP2, SPI1_MISO,
QUADSPI_BK1_IO2, FMC_D11, EVENTOUT
-
-
H4
H4
46
M12
68
68
J8
J8
PE15
I/O
FT
-
TIM1_BKIN, TIM1_BKIN_COMP1,
SPI1_MOSI, QUADSPI_BK1_IO3,
FMC_D12, EVENTOUT
-
29
K3
K3
47
L10
69
69
N9
N9
PB10
I/O
FT_fl
-
TIM2_CH3, I2C4_SCL, I2C2_SCL,
SPI2_SCK, DFSDM1_DATIN7, USART3_TX,
LPUART1_RX, TSC_SYNC, QUADSPI_CLK,
LCD_SEG10, COMP1_OUT, SAI1_SCK_A,
EVENTOUT
-
30
J3
J3
48
L11
70
-
H8
H8
PB11
I/O
FT_fl
-
TIM2_CH4, I2C4_SDA, I2C2_SDA,
DFSDM1_CKIN7, USART3_RX,
LPUART1_TX, QUADSPI_BK1_NCS,
LCD_SEG11, COMP2_OUT, EVENTOUT
-
--
K1
-
-
-
70
-
M10
VDD12
S
-
-
-
-
Table 15. STM32L496xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More