| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 263 page ![]() -- -- - 95 95 F12 F12 VDDIO2 S - - - - 37 F2 F4 63 E12 96 96 F11 F11 PC6 I/O FT_l - TIM3_CH1, TIM8_CH1, DFSDM1_CKIN3, TSC_G4_IO1, DCMI_D0, LCD_SEG24, SDMMC1_D6, SAI2_MCLK_A, EVENTOUT - 38 F3 E4 64 E11 97 97 G12 G12 PC7 I/O FT_l - TIM3_CH2, TIM8_CH2, DFSDM1_DATIN3, TSC_G4_IO2, DCMI_D1, LCD_SEG25, SDMMC1_D7, SAI2_MCLK_B, EVENTOUT - 39 E1 E1 65 E10 98 98 G10 G10 PC8 I/O FT_l - TIM3_CH3, TIM8_CH3, TSC_G4_IO3, DCMI_D2, LCD_SEG26, SDMMC1_D0, EVENTOUT - 40 E2 E2 66 D12 99 99 G9 G9 PC9 I/O FT_fl - TIM8_BKIN2, TIM3_CH4, TIM8_CH4, DCMI_D3, I2C3_SDA, TSC_G4_IO4, OTG_FS_NOE, LCD_SEG27, SDMMC1_D1, SAI2_EXTCLK, TIM8_BKIN2_COMP1, EVENTOUT - 41 E3 E3 67 D11 100 100 G8 G8 PA8 I/O FT_l - MCO, TIM1_CH1, USART1_CK, OTG_FS_SOF, LCD_COM0, SWPMI1_IO, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 42 D3 D3 68 D10 101 101 F10 F10 PA9 I/O FT_lu - TIM1_CH2, SPI2_SCK, DCMI_D0, USART1_TX, LCD_COM1, SAI1_FS_A, TIM15_BKIN, EVENTOUT OTG_FS_VBUS 43 D2 D2 69 C12 102 102 F9 F9 PA10 I/O FT_lu - TIM1_CH3, DCMI_D1, USART1_RX, OTG_FS_ID, LCD_COM2, SAI1_SD_A, TIM17_BKIN, EVENTOUT - 44 D1 D1 70 B12 103 103 E13 E13 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS, CAN1_RX, OTG_FS_DM, TIM1_BKIN2_COMP1, EVENTOUT - Table 15. STM32L496xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |