| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 112 Page - STMicroelectronics |
|
112 / 263 page ![]() Electrical characteristics STM32L496xx 112/263 DocID029173 Rev 2 Table 19. Voltage characteristics(1) Symbol Ratings Min Max Unit VDDX - VSS External main supply voltage (including VDD, VDDA, VDDIO2, VDDUSB, VLCD, VBAT) -0.3 4.0 V VDD12 - VSS External SMPS supply voltage Range 1 -0.3 1.32 Range 2 -0.3 VIN(2) Input voltage on FT_xxx pins VSS-0.3 min (VDD, VDDA, VDDIO2, VDDUSB, VLCD) + 4.0(3)(4) Input voltage on TT_xx pins VSS-0.3 4.0 Input voltage on BOOT0 pin VSS 9.0 Input voltage on any other pins VSS-0.3 4.0 |∆VDDx| Variations between different VDDX power pins of the same domain -50 mV |VSSx-VSS| Variations between all the different ground pins(5) -50 mV 1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 2. VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum allowed injected current values. 3. This formula has to be applied only on the power supplies related to the IO structure described in the pin definition table. 4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled. 5. Include VREF- pin. Table 20. Current characteristics Symbol Ratings Max Unit ∑IVDD Total current into sum of all VDD power lines (source)(1) (2) 150 mA ∑IVSS Total current out of sum of all VSS ground lines (sink)(1) 150 IVDD(PIN) Maximum current into each VDD power pin (source)(1)(2) 100 IVSS(PIN) Maximum current out of each VSS ground pin (sink)(1) 100 IIO(PIN) Output current sunk by any I/O and control pin except FT_f 20 Output current sunk by any FT_f pin 20 Output current sourced by any I/O and control pin 20 ∑IIO(PIN) Total output current sunk by sum of all I/Os and control pins(3) 100 Total output current sourced by sum of all I/Os and control pins(3) 100 IINJ(PIN)(4) Injected current on FT_xxx, TT_xx, RST and B pins, except PA4, PA5 -5/+0(5) Injected current on PA4, PA5 -5/0 ∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(6) 25 1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supplies, in the permitted range. 2. Valid also for VDD12 on SMPS Package |