Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 153 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 149Page - STMicroelectronics STM32L496VG Datasheet HTML 150Page - STMicroelectronics STM32L496VG Datasheet HTML 151Page - STMicroelectronics STM32L496VG Datasheet HTML 152Page - STMicroelectronics STM32L496VG Datasheet HTML 153Page - STMicroelectronics STM32L496VG Datasheet HTML 154Page - STMicroelectronics STM32L496VG Datasheet HTML 155Page - STMicroelectronics STM32L496VG Datasheet HTML 156Page - STMicroelectronics STM32L496VG Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 263 page
background image
DocID029173 Rev 2
153/263
STM32L496xx
Electrical characteristics
236
6.3.8
Internal clock source characteristics
The parameters given in Table 58 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 22: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 58. HSI16 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 Frequency
VDD=3.0 V, TA=30 °C
15.88
-
16.08
MHz
TRIM
HSI16 user trimming step
Trimming code is not a
multiple of 64
0.2
0.3
0.4
%
Trimming code is a
multiple of 64
-4
-6
-8
DuCy(HSI16)(2) Duty Cycle
-
45
-
55
%
∆Temp(HSI16)
HSI16 oscillator frequency
drift over temperature
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2
-
1.5
%
∆VDD(HSI16)
HSI16 oscillator frequency
drift over VDD
VDD=1.62 V to 3.6 V
-0.1
-
0.05
%
tsu(HSI16)(2)
HSI16 oscillator start-up
time
--
0.8
1.2
μs
tstab(HSI16)(2)
HSI16 oscillator
stabilization time
--
3
5
μs
IDD(HSI16)(2)
HSI16 oscillator power
consumption
-
-
155
190
μA
1. Guaranteed by characterization results.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com