Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 168 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 164Page - STMicroelectronics STM32L496VG Datasheet HTML 165Page - STMicroelectronics STM32L496VG Datasheet HTML 166Page - STMicroelectronics STM32L496VG Datasheet HTML 167Page - STMicroelectronics STM32L496VG Datasheet HTML 168Page - STMicroelectronics STM32L496VG Datasheet HTML 169Page - STMicroelectronics STM32L496VG Datasheet HTML 170Page - STMicroelectronics STM32L496VG Datasheet HTML 171Page - STMicroelectronics STM32L496VG Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 263 page
background image
Electrical characteristics
STM32L496xx
168/263
DocID029173 Rev 2
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 22: General operating conditions. All I/Os are CMOS- and TTL-compliant (FT OR TT
unless otherwise specified).
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 29 and
Table 72, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 22: General
operating conditions.
Table 71. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| = 8 mA
VDDIOx ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx-0.4
-
VOL(3) Output low level voltage for an I/O pin
TTL port(2)
|IIO| = 8 mA
VDDIOx ≥ 2.7 V
-0.4
VOH(3) Output high level voltage for an I/O pin
2.4
-
VOL(3) Output low level voltage for an I/O pin
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-1.3
VOH(3) Output high level voltage for an I/O pin
VDDIOx-1.3
-
VOL(3) Output low level voltage for an I/O pin
|IIO| = 4 mA
VDDIOx ≥ 1.62 V
-0.45
VOH(3) Output high level voltage for an I/O pin
VDDIOx-0.45
-
VOL(3) Output low level voltage for an I/O pin
|IIO| = 2 mA
1.62 V ≥ VDDIOx ≥ 1.08 V
-0.35ₓVDDIOx
VOH(3) Output high level voltage for an I/O pin
0.65ₓVDDIOx
-
VOLFM+
(3)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with "f"
option)
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-0.4
|IIO| = 10 mA
VDDIOx ≥ 1.62 V
-0.4
|IIO| = 2 mA
1.62 V ≥ VDDIOx ≥ 1.08 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 19:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com