| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 174 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 174 Page - STMicroelectronics |
|
174 / 263 page ![]() Electrical characteristics STM32L496xx 174/263 DocID029173 Rev 2 The maximum value of RAIN can be found in Table 76: Maximum ADC RAIN. tLATRINJ Trigger conversion latency Injected channels aborting a regular conversion CKMODE = 00 2.5 3 3.5 1/fADC CKMODE = 01 - - 3.0 CKMODE = 10 - - 3.25 CKMODE = 11 - - 3.125 ts Sampling time fADC = 80 MHz 0.03125 - 8.00625 µs - 2.5 - 640.5 1/fADC tADCVREG_STUP ADC voltage regulator start-up time -- - 20 µs tCONV Total conversion time (including sampling time) fADC = 80 MHz Resolution = 12 bits 0.1875 - 8.1625 µs Resolution = 12 bits ts + 12.5 cycles for successive approximation = 15 to 653 1/fADC IDDA(ADC) ADC consumption from the VDDA supply fs = 5 Msps - 730 830 µA fs = 1 Msps - 160 220 fs = 10 ksps - 16 50 IDDV_S(ADC) ADC consumption from the VREF+ single ended mode fs = 5 Msps - 130 160 µA fs = 1 Msps - 30 40 fs = 10 ksps - 0.6 2 IDDV_D(ADC) ADC consumption from the VREF+ differential mode fs = 5 Msps - 260 310 µA fs = 1 Msps - 60 70 fs = 10 ksps - 1.3 3 1. Guaranteed by design 2. The I/O analog switch voltage booster is enable when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when VDDA < 2.4V). It is disable when VDDA ≥ 2.4 V. 3. VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA, depending on the package. Refer to Section 4: Pinouts and pin description for further details. Table 75. ADC characteristics(1) (2) (continued) Symbol Parameter Conditions Min Typ Max Unit |