| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Z8FS021 Datasheet(PDF) 40 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS021 Datasheet(HTML) 40 Page - Zilog, Inc. |
|
40 / 68 page ![]() PS028806-0315 Standard API Register Set ZMOTION® Intrusion Detection Product Specification 32 Table 11. PIR Status/Control Register 3, 28-Pin SSOP (ePIR_SC3) Bit 76543210 Field ANA7 Scan Request ANA6 Scan Request ANA5 Scan Request ANA4 Scan Request Reserved Buffered Mode ANA1 Scan Request* ANA0 Scan Request Control R/W R/W R/W R/W 0 R/W R/W R/W Address 105H Note: *ANA1 is reserved for White Light detection when enabled via PIR Status/Control Register 2. Table 12. PIR Status/Control Register 3, 20-Pin SSOP (ePIR_SC3) Bit 76543210 Field Reserved ANA6 Scan Request ANA5 Scan Request ANA4 Scan Request Reserved Buffered Mode ANA1 Scan Request* ANA0 Scan Request Control 0 R/W Reserved in Single Pyro Mode R/W R/W 0 0 R/W R/W Address 105H Note: *ANA1 is reserved for White Light detection when enabled via PIR Status/Control Register 2. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |