| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Z8FS021 Datasheet(PDF) 54 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS021 Datasheet(HTML) 54 Page - Zilog, Inc. |
|
54 / 68 page ![]() PS028806-0315 Packaging ZMOTION® Intrusion Detection Product Specification 46 Packaging Zilog’s Intrusion Detection Solution takes advantage of the Z8FS021 MCU, which is available in the following three packages: • 8-Pin Small Outline Integrated Circuit Package (SOIC) • 20-Pin Small Shrink Outline Package (SSOP) • 28-Pin Small Shrink Outline Package (SSOP) Current diagrams for each of these packages are published in Zilog’s Packaging Product Specification (PS0072), which is available free for download from the Zilog website. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |