| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW81200 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW81200 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 58 page ![]() Circuit description STW81200 34/58 DocID025943 Rev 7 7.14 STW81200 register summary Table 11. SPI Register map (address 12 to 15 not available) Address Register Name Type Description Page 0x00 ST0_Register Read/Write Master register. N divider, CP current. Writing to this register starts a VCO calibration on page 35 0x01 ST1_Register Read/Write Double- Buffered FRAC value, RF1 output control on page 36 0x02 ST2_Register Read/Write Double- Buffered MOD value, RF2 output control on page 37 0x03 ST3_Register Read/Write Double- Buffered R divider, CP leakage, CP down-split pulse, Ref. Path selection, Device power down on page 38 0x04 ST4_Register Read/Write Lock det. control, Ref. Buffer, CP supply mode, VCO settings, Output power control on page 40 0x05 ST5_Register Read/Write Low power mode control bit on page 42 0x06 ST6_Register Read/Write VCO Calibrator, Manual VCO control, DSM settings on page 43 0x07 ST7_Register Read/Write Fast Lock control, LD_SDO settings on page 45 0x08 ST8_Register Read/Write LDO Voltage Regulator settings on page 46 0x09 ST9_Register Read/Write Reserved (Test & Initialization bit) on page 47 0x0A ST10_Register Read Only VCO, Lock det. Status, LDO status on page 48 0x0B ST11_Register Read Only Device ID on page 49 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |