| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW81200 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW81200 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 58 page ![]() Circuit description STW81200 44/58 DocID025943 Rev 7 [11:10] PRCHG_DEL: set the number of calibration slots for pre-charge of VCTRL node at the Voltage reference value used during VCO calibration procedure 00: (0) 1 slot (default) 01: (1) 2 slots 10: (2) 3 slots 11: (3) 4 slots [9] CAL_ACC_EN: at ‘1’ increase calibrator accuracy by removing residual error taking 2 additional calibration slots (default = ‘0’) [8:0] CAL_DIV: Set Calibrator Clock divider ratio (Range:1 to 511); ‘0’ set the maximum ratio (‘511’) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |