Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7290B Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7290B
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7290B Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7290B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIO7290B, V1.3, May 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment
Figure 1. WLCSP-4 (Top view)
Pin No.
Pin Name
Description
A1
VOUT
Switch output
A2
VIN
Switch input, bypass this input with a ceramic capacitor to ground
B1
GND
Ground
B2
ON
Switch control input, active high
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6
V
VOUT
Output voltage
VIN + 0.3
V
VON
Input voltage
-0.3 to 6
V
PD
Power dissipation at TA = 25°C
0.48
W
IMAX
Maximum continuous switch current
2
A
TA
Operating free air temperature range
-40 to 85
°C
Tlead
Maximum lead temperature (10s soldering time)
300
°C
TSTG
Storage temperature
-45 to 145
°C
Latch up
±400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com