Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7290B Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7290B
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7290B Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7290B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIO7290B, V1.2, May 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
2
3. Recommended Operating Condition
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage range
1.2 to 5.5
V
VOUT
Output voltage range
VIN
V
CIN
Input capacitor
1
μF
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Rating
Unit
ESD
HBM:All Pins
±4000
V
CDM
±2000
V
MM
±200
V
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Thermal resistance, junction-to-air thermal resistance
189.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com