Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7290B Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7290B
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7290B Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7290B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DIO7290B, V1.2, May 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
7
8. Block Diagram
Figure 2. Block diagram
9. Function Description
9.1. Overview
The DIO7290B is a low ON-state resistance (RON) load switch with controlled turn on. It contains a
P-channel MOSFET and can be turned on with a range of battery from 1.2 V to 5.5 V. An on/off input (ON)
controls the switch, which can interface with low-voltage control signals. A 120 Ω on-chip load resistor is
added for output quick discharge when the switch is turned off.
9.2. Feature description
The state of the switch is controlled by the ON pin. When there is no fault, activating ON can let the switch
to be in the on state. ON is active HI and has a low threshold making it capable of interfacing with
low-voltage signals. The ON pin is compatible with standard GPIO logic threshold. It can be used with any
microcontroller with 1.2 V, 1.8 V, 2.5 V, 3.3 V GPIOs.
9.3. Device functional modes
Table 1 lists the functional modes of the DIO7290B.
Table 1. Function Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com