Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 103 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 99Page - STMicroelectronics STM32L4R5VG Datasheet HTML 100Page - STMicroelectronics STM32L4R5VG Datasheet HTML 101Page - STMicroelectronics STM32L4R5VG Datasheet HTML 102Page - STMicroelectronics STM32L4R5VG Datasheet HTML 103Page - STMicroelectronics STM32L4R5VG Datasheet HTML 104Page - STMicroelectronics STM32L4R5VG Datasheet HTML 105Page - STMicroelectronics STM32L4R5VG Datasheet HTML 106Page - STMicroelectronics STM32L4R5VG Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 307 page
background image
71
A12 A12 104 104
C2
D13 D13
73
106 B11
C2
C2
D13
PA12
I/O
FT_u
-
TIM1_ETR,
SPI1_MOSI,
USART1_RTS_DE,
CAN1_TX,
OTG_FS_DP,
EVENTOUT
-
72
A11 A11 105 105
B3
A11 A11
74
107 B10
B3
B3
A11
PA13
(JTMS/
SWDIO
)
I/O
FT
-
(4)
JTMS/SWDIO,
IR_OUT,
OTG_FS_NOE,
SAI1_SD_B,
EVENTOUT
-
73
C11 C11 106 106
B2
E12 E12
75
108 C11
B2
B2
D12
VDDUS
B
S-
-
-
-
74
F11 F11 107 107
A1
C12 C12
76
109 A12
A1
A1
C12
VSS
S
-
-
-
-
75
G11 G11 108 108
B1
C13 C13
77
110 A11
B1
B1
C13
VDD
S
-
-
-
-
-
-----
E11 E11
---
---PH6
I/O
FT
-
I2C2_SMBA,
OCTOSPIM_P2_CLK,
DCMI_D8,
EVENTOUT
-
-
-----
D12 D12
---
---PH7
I/O
FT_f
-
I2C3_SCL, DCMI_D9,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More