| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VG Datasheet(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VG Datasheet(HTML) 105 Page - STMicroelectronics |
|
105 / 307 page ![]() - ----- B11 B11 --- -- B11 PI1 I/O FT - SPI2_SCK, DCMI_D8, EVENTOUT - - ----- B10 B10 --- -- B10 PI2 I/O FT - TIM8_CH4, SPI2_MISO, DCMI_D9, EVENTOUT - - ----- C10 C10 --- -- C10 PI3 I/O FT - TIM8_ETR, SPI2_MOSI, DCMI_D10, EVENTOUT - - ----- D10 D10 --- -- D10 PI4 I/O FT - TIM8_BKIN, DCMI_D5, EVENTOUT - - ----- E10 E10 --- -- E10 PI5 I/O FT - TIM8_CH1, OCTOSPIM_P2_NCS, DCMI_VSYNC, EVENTOUT - - ----- C9 C9 --- -- C9 PH13 I/O FT - TIM8_CH1N, CAN1_TX, EVENTOUT - - ----- B9 B9 --- -- B9 PI6 I/O FT - TIM8_CH2, OCTOSPIM_P2_CLK, DCMI_D6, EVENTOUT - Table 15. STM32L4Rxxx pin definitions (continued) Pin number STM32L4R5xxx, STM32L4R7xxx STM32L4R9xxx |