Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 111 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 107Page - STMicroelectronics STM32L4R5VG Datasheet HTML 108Page - STMicroelectronics STM32L4R5VG Datasheet HTML 109Page - STMicroelectronics STM32L4R5VG Datasheet HTML 110Page - STMicroelectronics STM32L4R5VG Datasheet HTML 111Page - STMicroelectronics STM32L4R5VG Datasheet HTML 112Page - STMicroelectronics STM32L4R5VG Datasheet HTML 113Page - STMicroelectronics STM32L4R5VG Datasheet HTML 114Page - STMicroelectronics STM32L4R5VG Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 307 page
background image
-
D7
D7
127 127
A7
F6
F6
-
129
D6
A7
A7
F6
PG12
I/O
FT_s
-
LPTIM1_ETR,
OCTOSPIM_P2_NCS,
SPI3_NSS,
USART1_RTS_DE,
FMC_NE4,
SAI2_SD_A,
EVENTOUT
-
-C7
C7
128 128
D8
G7
G7
-
-C6
NC
D8
G6
PG13
I/O
FT_fs
-
I2C1_SDA,
USART1_CK,
LCD_R0, FMC_A24,
EVENTOUT
-
-
NC
C6
129 129
-
G6
G6
-
-
-
-
-
-
PG14
I/O
FT_fs
-
I2C1_SCL, LCD_R1,
FMC_A25,
EVENTOUT
-
-
F7
F7
130 130
----
130
A7
---
VSS
S
-
-
-
-
-
G7
G7
131 131
A8B6B6
-
131
A6A8A8B6
VDDIO
2
S-
-
-
-
-
K1
K1
NC
132
-
NC
C6
-
132
-
-
-
C6
PG15
I/O
FT_s
-
LPTIM1_OUT,
I2C1_SMBA,
OCTOSPIM_P2_DQS,
DCMI_D13,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More