Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 109 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 105Page - STMicroelectronics STM32L4R5VG Datasheet HTML 106Page - STMicroelectronics STM32L4R5VG Datasheet HTML 107Page - STMicroelectronics STM32L4R5VG Datasheet HTML 108Page - STMicroelectronics STM32L4R5VG Datasheet HTML 109Page - STMicroelectronics STM32L4R5VG Datasheet HTML 110Page - STMicroelectronics STM32L4R5VG Datasheet HTML 111Page - STMicroelectronics STM32L4R5VG Datasheet HTML 112Page - STMicroelectronics STM32L4R5VG Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 307 page
background image
86
A6
A6
119
119
A5
D7
D7
88
121
D7
A5
A5
D7
PD5
I/O
FT
-
USART2_TX,
OCTOSPIM_P1_IO5,
FMC_NWE,
EVENTOUT
-
-
-
-
120 120
B6
M3
M3
-
122
-
B6
B6
M3
VSS
S
-
-
-
-
-
-
-
121 121
A6
A8
A8
-
123
-
A6
A6
A8
VDD
S
-
-
-
-
87
B6
B6
122 122
E7
E7
E7
89
124
B7
E7
E7
E7
PD6
I/O
FT
-
SAI1_D1, DCMI_D10,
SPI3_MOSI,
DFSDM1_DATIN1,
USART2_RX,
OCTOSPIM_P1_IO6,
LCD_DE,
FMC_NWAIT,
SAI1_SD_A,
EVENTOUT
-
88
A5
A5
123 123
D7
F7
F7
90
125
E7
D7
D7
F7
PD7
I/O
FT
-
DFSDM1_CKIN1,
USART2_CK,
OCTOSPIM_P1_IO7,
FMC_NCE/FMC_NE1,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More