Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2001 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2001
Descripción Electrónicos  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001 Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F2001 Datasheet HTML 1Page - Texas Instruments MSP430F2001 Datasheet HTML 2Page - Texas Instruments MSP430F2001 Datasheet HTML 3Page - Texas Instruments MSP430F2001 Datasheet HTML 4Page - Texas Instruments MSP430F2001 Datasheet HTML 5Page - Texas Instruments MSP430F2001 Datasheet HTML 6Page - Texas Instruments MSP430F2001 Datasheet HTML 7Page - Texas Instruments MSP430F2001 Datasheet HTML 8Page - Texas Instruments MSP430F2001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
Getting Started
5
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
1.4.2
Running the Out-of-Box Experience
The LaunchPad development kit includes a pre-programmed MSP430G2553 MCU already installed in the
target socket. When the LaunchPad development kit is connected through USB, the Out-of-Box
Experience (OOBE) demo starts with a two LED toggle sequence.
Press button P1.3 to switch the application to the Live Temperature mode. The LaunchPad development
kit should start streaming live temperature data to the PC to be visualized in the MSP-EXP430G2ET
OOBE GUI or displayed in a serial terminal. A reference temperature is taken at the beginning of this
mode, and the LEDs of the LaunchPad development kit signal a rise or fall in temperature by varying the
brightness of the on-board red or green LED, respectively. The reference temperature can also be
recalibrated to the ambient temperature with another button press on P1.3.
You can influence the temperature of the MCU by blowing hot or cold air onto it, and you can then see
changes in the LED brightness or data changes on the GUI.
This GUI is created with GUI Composer 2.0 with the source available for customization, imported from the
TI Cloud Gallery. The serial communication port on the PC must be configured with 9600 bps, one stop
bit, and no flow control to display the values correctly.
NOTE:
The OOB cloud GUI is supported in only the latest version of Chrome, Firefox, and Safari
browsers. An installer for the offline standalone GUI can also be downloaded from the TI
Cloud Gallery.
1.5
Next Steps: Looking Into the Provided Code
After the EVM features have been explored, the fun can begin. It is time to open an integrated
development environment and start editing the code examples. See Section 4 for available IDEs and
where to download them.
The quickest way to get started using the LaunchPad development kit is to use TI's Cloud Development
Tools. The cloud-based Resource Explorer provides access to all of the examples and resources in
MSPWare. Code Composer Studio Cloud is a simple cloud-based IDE that enables developing and
running applications on the LaunchPad development kit.
The out-of-box source code and more code examples are provided and available on the download page.
Code is licensed under BSD, and TI encourages reuse and modifications to fit specific needs.
Section 3 describes all functions in detail and provides a project structure to help familiarize you with the
code.
With the onboard eZ-FET debug probe, debugging and downloading new code is simple. A USB
connection between the EVM and a PC through the provided USB cable is all that is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com