Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2001 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2001
Descripción Electrónicos  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2001 Datasheet HTML 5Page - Texas Instruments MSP430F2001 Datasheet HTML 6Page - Texas Instruments MSP430F2001 Datasheet HTML 7Page - Texas Instruments MSP430F2001 Datasheet HTML 8Page - Texas Instruments MSP430F2001 Datasheet HTML 9Page - Texas Instruments MSP430F2001 Datasheet HTML 10Page - Texas Instruments MSP430F2001 Datasheet HTML 11Page - Texas Instruments MSP430F2001 Datasheet HTML 12Page - Texas Instruments MSP430F2001 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
eZ-FET
Debug
Probe
Isolation
Jumper Block
USB Connector
in
out
LDO
USB
EnergyTrace
Technology
www.ti.com
Hardware
9
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
•
To control 3-V and 5-V power flow between the eZ-FET and target domains
•
To expose the target MCU pins for uses other than onboard debugging and application UART
communication
•
To expose the programming and UART interface of the eZ-FET so that it can be used for MCUs other
than the onboard MCU.
Table 2. Isolation Block Connections
Jumper
Description
GND
Ground
5V
5-V VBUS from USB
3V3
3.3-V rail, derived from VBUS in the eZ-FET domain
RXD <<
Backchannel UART: The target G2553 receives data through this signal. The arrows indicate the direction of the signal.
TXD >>
Backchannel UART: The target G2553 sends data through this signal. The arrows indicate the direction of the signal.
SBW RST Spy-Bi-Wire debug: SBWTDIO data signal. This pin also functions as the RST signal (active low).
SBW TST Spy-Bi-Wire debug: SBWTCK clock signal. This pin also functions as the TST signal.
Figure 6. eZ-FET Isolation Jumper Block Diagram
2.2.4
Application (or Backchannel) UART
The backchannel UART allows communication with the USB host that is not part of the main functionality
of the target application. This is useful during development and also provides a communication channel to
the PC host. This communication can be used to create graphical user interfaces (GUIs) and other
programs on the PC that communicate with the LaunchPad development kit.
Figure 6 shows the pathway of the backchannel UART. The backchannel UART is the UART on
USCI_A0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com