Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2001 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2001
Descripción Electrónicos  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F2001 Datasheet HTML 8Page - Texas Instruments MSP430F2001 Datasheet HTML 9Page - Texas Instruments MSP430F2001 Datasheet HTML 10Page - Texas Instruments MSP430F2001 Datasheet HTML 11Page - Texas Instruments MSP430F2001 Datasheet HTML 12Page - Texas Instruments MSP430F2001 Datasheet HTML 13Page - Texas Instruments MSP430F2001 Datasheet HTML 14Page - Texas Instruments MSP430F2001 Datasheet HTML 15Page - Texas Instruments MSP430F2001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Hardware
www.ti.com
12
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
1. Disconnect every jumper in the isolation jumper block. This is necessary, because the debug probe
cannot connect to more than one target at a time over the Spy-Bi-Wire (SBW) connection.
2. Make sure the target board has proper connections for SBW. Note that to be compatible with SBW, the
capacitor on RST/SBWTDIO cannot be greater than 2.2 nF. The documentation for designing MSP430
JTAG interface circuitry is the MSP430 Hardware Tools User's Guide.
3. Connect these signals from the debug probe side of the isolation jumper block to the target hardware:
•
5 V (if 5 V is needed)
•
3.3 V
•
GND
•
SBWTDIO
•
SBWTCK
•
TXD (if the UART backchannel is to be used)
•
RXD (if the UART backchannel is to be used)
This wiring can be done either with jumper wires or by designing the board with a connector that plugs
into the isolation jumper block.
2.7
BoosterPack Plug-in Module Pinout
The LaunchPad development kit adheres to the 20-pin LaunchPad development kit pinout standard. A
standard was created to aid compatibility between LaunchPad development kit and BoosterPack plug-in
module tools across the TI ecosystem.
While most BoosterPack plug-in modules are compliant with the standard, some are not. The MSP-
EXP430G2ET LaunchPad development kit is compatible with all 20-pin BoosterPack plug-in modules that
comply with the standard. If the reseller or owner of the BoosterPack plug-in module does not explicitly
indicate compatibility with the MSP-EXP430G2ET LaunchPad development kit, compare the schematic of
the candidate BoosterPack plug-in module with the LaunchPad development kit to ensure compatibility.
Sometimes conflicts can be resolved by changing the MSP430G2553 pin function configuration in
software.
To check the compatibility of your desired BoosterPack plug-in modules for your design, with a
LaunchPad development kit of your choice, you can use the BoosterPack Checker tool (see Figure 9).
This allows you to select any LaunchPad development kit we offer and determine its compatibility with any
number of BoosterPack plug-in modules that we offer. You can also add your own BoosterPack plug-in
module to check its compatibility as you prototype that next design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com