Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2001 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2001
Descripción Electrónicos  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F2001 Datasheet HTML 9Page - Texas Instruments MSP430F2001 Datasheet HTML 10Page - Texas Instruments MSP430F2001 Datasheet HTML 11Page - Texas Instruments MSP430F2001 Datasheet HTML 12Page - Texas Instruments MSP430F2001 Datasheet HTML 13Page - Texas Instruments MSP430F2001 Datasheet HTML 14Page - Texas Instruments MSP430F2001 Datasheet HTML 15Page - Texas Instruments MSP430F2001 Datasheet HTML 16Page - Texas Instruments MSP430F2001 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
Hardware
13
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
Figure 9. BoosterPack Checker Tool
Figure 10 shows the 20-pin pinout of the connector from the LaunchPad development kit to a BoosterPack
plug-in module.
Software configuration of the pin functions plays a role in compatibility. The LaunchPad development kit
side of the dashed line shows only the applicable function for conforming to the standard. However, each
pin has other functionality that can be configured by the software. See the MSP430G2553 data sheet for
more details on individual pin functions.
Figure 10. Pinout of Connector From LaunchPad Development Kit to BoosterPack Plug-in Module
2.8
20-Pin DIP Socket
The MSP-EXP430G2ET comes with the MSP430G2553 MCU plugged into the DIP target socket.
However, both PDIP14 and PDIP20 packages of the MSP430G2xx entry-level MCUs and the
MSP430F20xx MCUs can be inserted into the DIP socket aligned to pin 1 (see Figure 11). For a complete
list of supported MCUs, see Section 2.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com