Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2001 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2001
Descripción Electrónicos  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2001 Datasheet HTML 6Page - Texas Instruments MSP430F2001 Datasheet HTML 7Page - Texas Instruments MSP430F2001 Datasheet HTML 8Page - Texas Instruments MSP430F2001 Datasheet HTML 9Page - Texas Instruments MSP430F2001 Datasheet HTML 10Page - Texas Instruments MSP430F2001 Datasheet HTML 11Page - Texas Instruments MSP430F2001 Datasheet HTML 12Page - Texas Instruments MSP430F2001 Datasheet HTML 13Page - Texas Instruments MSP430F2001 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Hardware
www.ti.com
10
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
On the host side, a virtual COM port for the application backchannel UART is generated when the
LaunchPad development kit enumerates on the host. You can use any PC application that interfaces with
COM ports, including terminal applications like Hyperterminal or Docklight, to open this port and
communicate with the target application. You need to identify the COM port for the backchannel. On
Windows PCs, Device Manager can assist.
Figure 7. Application Backchannel UART in Device Manager
The backchannel UART is the "MSP Application UART1" port. In this case, Figure 7 shows COM13, but
this port can vary from one host PC to the next. After you identify the correct COM port, configure it in
your host application according to its documentation. You can then open the port and begin
communication to it from the host.
On the target MSP430G2553 side, the backchannel is connected to the USCI_A0 module. The eZ-FET
has a configurable baud rate; therefore, it is important to configure the baud rate of the PC application to
the same rate as the USCI_A0.
NOTE:
The backchannel UART connection in the isolation jumper block can also be configured to
use a SW UART. The SW UART is done through the TimerA0 module located on pins P1.1
and P1.2. If the jumpers are in the horizontal position, the HW UART should be used. If the
jumpers are in the vertical position, the SW UART should be used. The orientation guidelines
are also printed in silkscreen on the board. It is recommended to use the HW UART
configuration.
2.3
Power
The board was designed to accommodate various powering methods, including through the onboard eZ-
FET as well as external or BoosterPack plug-in module power (see Figure 8).
Figure 8. MSP-EXP430G2ET Power Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com