| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F2001 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2001 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 33 page ![]() www.ti.com Hardware 15 SLAU772A – June 2018 – Revised March 2020 Submit Documentation Feedback Copyright © 2018–2020, Texas Instruments Incorporated MSP430G2553 LaunchPad™ Development Kit (MSP ‑EXP430G2ET) Table 3. Supported Devices (continued) Part Number Family Description MSP430G2452 G2xx 16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 256B RAM, 10-Bit SAR A/D, Comparator, USI for SPI/I 2C MSP430G2153 G2xx 16-bit Ultra-Low-Power Microcontroller, 1KB Flash, 256B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2203 G2xx 16-bit Ultra-Low-Power Microcontroller, 2KB Flash, 256B RAM, Comparator, USCI for I 2C/SPI/UART MSP430G2313 G2xx 16-bit Ultra-Low-Power Microcontroller, 2KB Flash, 256B RAM, Comparator, USCI for I 2C/SPI/UART MSP430G2333 G2xx 16-bit Ultra-Low-Power Microcontroller, 2KB Flash, 256B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2353 G2xx 16-bit Ultra-Low-Power Microcontroller, 2KB Flash, 256B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2403 G2xx 16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 512B RAM,, Comparator, USCI for I 2C/SPI/UART MSP430G2413 G2xx 16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 512B RAM, Comparator, USCI for I 2C/SPI/UART MSP430G2433 G2xx 16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 512B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2453 G2xx 16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 512B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2513 G2xx 16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 512B RAM, Comparator, USCI for I 2C/SPI/UART MSP430G2533 G2xx 16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 512B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART MSP430G2553 G2xx 16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 512B RAM, 10-Bit SAR A/D, Comparator, USCI for I 2C/SPI/UART 2.10 Design Files 2.10.1 Hardware See Section 6 for the schematics. All design files including schematics, layout, bill of materials (BOM), Gerber files, and documentation are available in the MSP-EXP430G2ET Hardware Design Files. 2.10.2 Software All design files including TI-TXT object-code firmware images, software example projects, and documentation are available in the MSP-EXP430G2ET LaunchPad development kit download page. 2.11 Hardware Change log Table 4 lists the revision history of the MSP430G2553 LaunchPad development kit hardware. Table 4. Hardware Change Log PCB Revision Description Rev 1.0 Initial Release 3 Software Examples Two software examples are included with the MSP430G2553 LaunchPad development kit (see Table 5), which can be found in the MSP-EXP430G2ET LaunchPad development kit download page and are also available inside MSPWare. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |