Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet(PDF) 41 Page - Analog Devices

No. de pieza LTM4650
Descripción Electrónicos  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 37Page - Analog Devices LTM4650 Datasheet HTML 38Page - Analog Devices LTM4650 Datasheet HTML 39Page - Analog Devices LTM4650 Datasheet HTML 40Page - Analog Devices LTM4650 Datasheet HTML 41Page - Analog Devices LTM4650 Datasheet HTML 42Page - Analog Devices LTM4650 Datasheet HTML 43Page - Analog Devices LTM4650 Datasheet HTML 44Page - Analog Devices LTM4650 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
LTM4664A
41
Rev. 0
For more information www.analog.com
connecting EXTVCC to INTVCC. Using the EXTVCC allows
the INTVCC power to be derived from a high efficiency
external source such as a switching regulator output.
EXTVCC can provide power to the internal 3.3V linear reg-
ulator even when VINS3 is not present, which allows the
LTM4664A PSM to be initialized and programmed even
without main power being applied.
The INTVCC regulator is powered from the VINS3_C1 pin,
the power through the IC is equal to VINS3_C1 • IINTVCC. The
gate charge current is dependent on operating frequency.
The INTVCC regulator can supply up to 100mA, and the
typical INTVCC current for the LTM4664A PSM is ~50mA. A
12V input voltage would equate to a difference of 7V drop
across the internal controller, when multiplied by 50mA
equals a 350mW power loss. This loss can be eliminated
by providing an external 5V bias on the EXTVCC pin.
Do not tie INTVCC on the LTM4664A PSM to an external
supply because INTVCC will attempt to pull the external
supply high and hit current limit, significantly increasing
the die temperature.
OUTPUT CURRENT SENSING AND SUB MILLIOHM
DCR CURRENT SENSING
The LTM4664A PSM channels use a unique sub-mil-
liohm inductor current sensing technique that provides
a high level signal to noise ratio while sensing very low
signals in current mode operation. This enables higher
conversion efficiencies with the use of the internal
sub-milliohm inductors in heavy load applications. The
current limit threshold can be accurately set with the
MFR_PWM_MODE[7] for high and low range. The low
range setting MFR_PWM_MODE [7] = 0 should be used
(see page103).
TheinternalDCRsensingnetwork,thuscurrentlimitarecalcu-
lated based on the DCR of the inductor at room temperature.
The DCR of the inductor has a large temperature coefficient,
approximately 3900ppm/°C. The temperature coefficient of
the inductor is written to the MFR_IOUT_CAL_GAIN_TC reg-
ister. The external temperature is sensed near the inductor
and used to modify the internal current limit circuit to main-
tain an essentially constant current limit with temperature.
The current sensed is then digitized by the LTM4664A PSM
telemetry ADC with an input range of ±128mV, a noise floor
of 7µVRMS, and a peak-peak noise of approximately 46.5µV.
The LTM4664A PSM computes the inductor current using
the DCR value stored in the IOUT_CAL_GAIN command and
the temperature coefficient stored in command MFR_IOUT_
CAL_GAIN_TC. The resulting current value is returned by the
READ_IOUT command.
INPUT CURRENT SENSING
To sense total input current consumed by the LTM4664A's
25A/30A two power stages , a sense resistor is placed
between the supply voltage and VINS3 path. The IIN+ and
IIN– pins are connected to the sense resistor. The filtered
voltage is amplified by the internal high side current
sense amplifier and digitized by the LTM4664A’s PSM
telemetry ADC. The input current sense amplifier has
three gain settings of 2x, 4x, and 8x set by the bit[6:5] of
the MFR_PWM_CONFIG command. The maximum input
sense voltage for the three gain settings is 50mV, 20mV,
and 5mV respectively. The LTM4664A PSM computes the
input current using the internal RSENSE value stored in the
IIN_CAL_GAIN command. The resulting measured power
stage current is returned by the READ_IIN command.
The LTM4664A uses a 1Ω resistor to measure the chip
supply current being consumed by the LTM4664A PSM
Controller. This value is returned by the MFR_READ_ICHIP
command. The chip current is calculated by using the 1Ω
value stored in the MFR_RVIN command. Refer to the
subsection titled Input Current Sense Amplifier in the
Dual 25A/30A PSM Applications Information section for
further details.
PolyPhase LOAD SHARING
Multiple LTM4664As can be arrayed in order to provide
a balanced load-share solution by bussing the necessary
pins. Figure 48 illustrates a 4-Phase design sharing con-
nections required for load sharing.
If an external oscillator is not provided, the SYNC pin
should only be enabled on one of the LTM4664A's
PSM Channels. The other(s) should be programmed to
disable SYNC using bit 4 of MFR_CONFIG_ALL. If an
external oscillator is present, the chip with the SYNC
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com