Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet(PDF) 72 Page - Analog Devices

No. de pieza LTM4650
Descripción Electrónicos  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 72 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 68Page - Analog Devices LTM4650 Datasheet HTML 69Page - Analog Devices LTM4650 Datasheet HTML 70Page - Analog Devices LTM4650 Datasheet HTML 71Page - Analog Devices LTM4650 Datasheet HTML 72Page - Analog Devices LTM4650 Datasheet HTML 73Page - Analog Devices LTM4650 Datasheet HTML 74Page - Analog Devices LTM4650 Datasheet HTML 75Page - Analog Devices LTM4650 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
LTM4664A
72
Rev. 0
For more information www.analog.com
it is driven quickly. If the ratio of CLOAD to COUT is greater
than 1:50, the switch rise time should be controlled so that
the load rise time is limited to approximately 25 • CLOAD.
Thus a 10µF capacitor would require a 250µs rise time,
limiting the charging current to about 200mA.
PolyPhase® Configuration
When configuring a PolyPhase rail with multiple
LTM4664As, the user must share the SYNC, COMP_na,
COMP_nb SHARE_CLK, FAULT_Cn, and ALERT pins of
these parts. Be sure to use pull-up resistors on FAULT_
Cn, SHARE_CLK and ALERT. One of the part’s SYNC pins
must be set to the desired switching frequency, and all
other FREQUENCY_SWITCH commands must be set to
External Clock. If an external oscillator is provided, set
the FREQUENCY_SWITCH command to External Clock for
all parts. The relative phasing of all the channels should
be spaced equally. The MFR_RAIL_ ADDRESS of all the
devices should be set to the same value.
Multiple channels need to tie all the VOSNS+ pins together,
and all the VOSNS– pins together COMP_na and COMP_
nb pins together as well. Do not assert bit[4] of MFR_
CONFIG_ALL except in a PolyPhase application. See
application example Figure 50.
CONNECTING THE USB TO I2C/SMBUS/PMBUS
CONTROLLER TO THE LTM4664A IN-SYSTEM
The LTC USB-to-I2C/SMBus/PMBus adapter (DC1613A
or equivalent) can be interfaced to the LTM4664A PSM
on the user’s board for programming, telemetry and sys-
tem debug. The adapter, when used in conjunction with
LTpowerPlay, provides a powerful way to debug an entire
power system. Faults are quickly diagnosed using telem-
etry, fault status commands and the fault log. The final
configuration can be quickly developed and stored to the
LTM4664A PSM EEPROM. Figure 34 illustrates the appli-
cation schematic for powering, programming and com-
munication with one or more LTM4664As PSM via the
LTC I2C/SMBus/PMBus adapter regardless of whether or
not system power is present. If system power is not pres-
ent, the dongle will power the LTM4664A PSM through
the VDD33 supply pin. To initialize the part when VIN is not
applied and the VDD33 pin is powered, use global address
0x5B command 0xBD data 0x2B followed by address 0x5B
command 0xBD data 0xC4.The LTM4664A PSM can now
communicate with, and the project file Figure 34. Controller
Connection can be updated. To write the updated project file
to the NVM issue a STORE_USER _ALL command. When
VIN is applied, a MFR_RESET must be issued to allow the
PWM POWER to be enabled and valid ADCs to be read.
VIN
VIN
VDD33
VDD25
SDA
1µF
1µF
VGS MAX ON THE TP0101K IS 8V IF VIN > 16V
CHANGE THE RESISTOR DIVIDER ON THE PFET GATE
1µF
1µF
4664A F34
10k
100k
TP0101K
ISOLATED
3.3V
SDA
SCL
TP0101K
100k
LTC
CONTROLLER
HEADER
TO LTC DC1613
USB TO I2C/SMBus/PMBus
CONTROLLER
SCL
WP PGND/SGND
LTM4664A PSM
VIN
VDD33
SDA
SCL
WP PGND/SGND
LTM4664A PSM
10k
VDD25
Figure 34. Controller Connection
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com