Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADSP-SC596 Datasheet(PDF) 110 Page - Analog Devices

No. de pieza ADSP-SC596
Descripción Electrónicos  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 110 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 106Page - Analog Devices ADSP-SC596 Datasheet HTML 107Page - Analog Devices ADSP-SC596 Datasheet HTML 108Page - Analog Devices ADSP-SC596 Datasheet HTML 109Page - Analog Devices ADSP-SC596 Datasheet HTML 110Page - Analog Devices ADSP-SC596 Datasheet HTML 111Page - Analog Devices ADSP-SC596 Datasheet HTML 112Page - Analog Devices ADSP-SC596 Datasheet HTML 113Page - Analog Devices ADSP-SC596 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 134 page
background image
Rev. PrD
|
Page 110 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Extended Mobile Storage Interface (eMSI) Controller Timing—eMMC DDR Mode
Table Table 74 and Figure 51 show I/O timing related to the eMSI with eMMC DDR mode.
Table 74. eMSI Controller Timing—eMMC DDR Mode1
1 Refer to Table 72 for tPP and parameters for command.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tISUDDR
Input Data Setup Time
2.5
ns
tIHDDR
Input Data Hold Time
2
ns
Switching Characteristic
tODLYDDR
Output Data Delay
2.6
7
ns
Figure 51. eMSI Controller Timing with eMMC DDR Mode
tIHDDR
DATA
tODLYDDR (MAX)
tPP
CLK
INPUT
DATA
tISUDDR
INVALID
DATA
tISUDDR
tIHDDR
tODLYDDR (MIN)
tODLYDDR (MIN)
tODLYDDR (MAX)
OUTPUT
DATA
DATA
DATA
IN DRR MODE, DATA ON DAT[7:0] LINES ARE SAMPLED ON BOTH EDGES OF THE CLOCK
(NOT APPLICABLE FOR CMD LINE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More