Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADSP-SC596 Datasheet(PDF) 112 Page - Analog Devices

No. de pieza ADSP-SC596
Descripción Electrónicos  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 108Page - Analog Devices ADSP-SC596 Datasheet HTML 109Page - Analog Devices ADSP-SC596 Datasheet HTML 110Page - Analog Devices ADSP-SC596 Datasheet HTML 111Page - Analog Devices ADSP-SC596 Datasheet HTML 112Page - Analog Devices ADSP-SC596 Datasheet HTML 113Page - Analog Devices ADSP-SC596 Datasheet HTML 114Page - Analog Devices ADSP-SC596 Datasheet HTML 115Page - Analog Devices ADSP-SC596 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 134 page
background image
Rev. PrD
|
Page 112 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Table 76 and Figure 53 show the default I2S justified mode. The frame sync is low for the left channel and high for the right channel. Data
is valid on the rising edge of the serial clock. The MSB is left justified to the frame sync transition but with a delay.
Table 77 and Figure 54 show the left justified mode. The frame sync is high for the left channel and low for the right channel. Data is valid
on the rising edge of the serial clock. The MSB is left justified to the frame sync transition with no delay.
Table 76. S/PDIF Transmitter I2S Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Nominal
Unit
Timing Requirement
tI2SD
Frame Sync to MSB Delay in I2S Mode
1
SCLK0
Figure 53. I2S Justified Mode
Table 77. S/PDIF Transmitter Left Justified Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Nominal
Unit
Timing Requirement
tLJD
Frame Sync to MSB Delay in Left Justified Mode
0
SCLK0
Figure 54. Left Justified Mode
MSB
LEFT/RIGHT CHANNEL
LSB
MSB–1
MSB–2
LSB+2
LSB+1
DAI_P20–1
(FS)
DAI_P20–1
(SCLK0)
DAI_P20–1
(SDATA)
tI2SD
MSB
LEFT/RIGHT CHANNEL
LSB
MSB–1
MSB–2
LSB+2
LSB+1
DAI_P20–1
(FS)
DAI_P20–1
(SCLK0)
DAI_P20–1
(SDATA)
tLJD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More