Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 2 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 2 Page - Quelighting Corp

  QLSP07RBU Datasheet HTML 1Page - Quelighting Corp QLSP07RBU Datasheet HTML 2Page - Quelighting Corp QLSP07RBU Datasheet HTML 3Page - Quelighting Corp QLSP07RBU Datasheet HTML 4Page - Quelighting Corp QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
QLSP07XXU-XX 3535 V1.0
Product Outline:
QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide
range of lighting application. The lighting application such as cation light, decoration light,
signal, specific industrial and commercial lighting.
Features:
• High brightness output @ 350mA,
• High driving current to 700mA/1000mA
• Package Dimension = 3.5mmX3.5mmX2.2mm
• Low thermal resistance : <6°C/W
• ESD protection up to 8KV
• RoHS compliant
• Custom Bin available upon special request
Application:
• Architecture Lighting
• Garden Lighting
• Warming lamp
• Indoor Lighting
• Outdoor Lighting
Compliance and Certification:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com